Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L55 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 45Page - Cirrus Logic CS42L55 Datasheet HTML 46Page - Cirrus Logic CS42L55 Datasheet HTML 47Page - Cirrus Logic CS42L55 Datasheet HTML 48Page - Cirrus Logic CS42L55 Datasheet HTML 49Page - Cirrus Logic CS42L55 Datasheet HTML 50Page - Cirrus Logic CS42L55 Datasheet HTML 51Page - Cirrus Logic CS42L55 Datasheet HTML 52Page - Cirrus Logic CS42L55 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
DS773F1
49
CS42L55
6.11
PGA x MUX, Volume:
PGA A (Address 0Bh) & PGA B (Address 0Ch)
6.11.1
Boostx
Configures a +20 dB boost on channel x.
6.11.2
PGA x Input Select
Selects the specified analog input signal into PGA channel x.
Note:
For pseudo-differential inputs, the CODEC automatically chooses the respective pseudo-ground
(AIN1REF or AIN2REF) for each input selection.
6.11.3
PGAx Volume
Sets the volume/gain of the Programmable Gain Amplifier (PGA).
Notes:
1.
Refer to Figure 23 and Figure 24 on page 69 for differential and integral nonlinearity (DNL and INL).
7
6
543
2
1
0
BOOSTx
PGAxMUX
PGAxVOL5
PGAxVOL4
PGAxVOL3
PGAxVOL2
PGAxVOL1
PGAxVOL0
BOOSTx
+20 dB Boost
0
No boost applied
1
+20 dB boost applied
PGAxMUX
Selected Input to PGAx
0
AIN1x
1AIN2x
PGAxVOL[5:0]
Volume
01 1111
12 dB
...
...
01 1000
12 dB
...
...
00 0001
+0.5 dB
00 0000
0 dB
11 1111
-0.5 dB
...
...
11 0100
-6.0 dB
...
...
10 0000
-6.0 dB
Step Size:
0.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com