Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L55 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 17Page - Cirrus Logic CS42L55 Datasheet HTML 18Page - Cirrus Logic CS42L55 Datasheet HTML 19Page - Cirrus Logic CS42L55 Datasheet HTML 20Page - Cirrus Logic CS42L55 Datasheet HTML 21Page - Cirrus Logic CS42L55 Datasheet HTML 22Page - Cirrus Logic CS42L55 Datasheet HTML 23Page - Cirrus Logic CS42L55 Datasheet HTML 24Page - Cirrus Logic CS42L55 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
DS773F1
21
CS42L55
POWER CONSUMPTION - ALL SUPPLIES = 2.5 V
Notes:
23. When “Off”, RESET pin and clock/data lines held LO; when in “standby”, lines are held HI.
24. Either inputs 1 or 2 may be selected. Input 1 is shown for simplicity.
Operation Test Condi-
tions (unless otherwise
specified): /All zeros input,
slave mode, sample rate =
48 kHz; No load. Refer to
Figure 8 on page 19.
Power Ctl. Registers
MUX Registers
Typical Current (mA)
02h page 42
03hpage 43
08h page 46
Class H
Mode
page 45
i
VCP
i
VA
i
VLDO
i
VL
Total
Power
(mW)
1
Off (Note 23)
xxxx
x
x
x
x
x
x
xxxxx
-
0.001 0.001 0.001 0.000
0.01
2
Standby
MCLKDIS=1
xxx1
x
x
x
x
x
x
xxxxx
-
0.000 0.000 0.064 0.007
0.18
MCLKDIS=0
xxx1
x
x
x
x
x
x
xxxxx
-
0.000 0.013 0.385 0.007
1.01
(Note 23) MCLKDIS=x
xxx1
x
x
x
x
x
x
xxxxx
-
0.000 0.000 0.018 0.000
0.05
3
Mono Record (Note 24)
ADC
1100
11 11 11 11 xx 01 xxxxx
-
0.000 0.752 0.743 0.019
3.79
PGA to ADC
1100
11 11 11 11 xx 00 xxxxx
-
0.000 0.997 0.750 0.019
4.42
4
Stereo Record (Note 24)
ADC
1000
11 11 11 11 01 01 xxxxx
-
0.000 1.031 0.918 0.025
4.94
PGA to ADC
1000
11 11 11 11 00 00 xxxxx
-
0.000 1.511 0.926 0.024
6.15
5
Mono Play to HP
No Effects
1110
11 10 11 11 xx xx xxx0 1
VCP/2 0.676 1.327 0.705 0.007
6.79
VCP 1.694 1.339 0.709 0.007
9.37
Effects
1110
11 10 11 11 xx xx xxx0 0
VCP/2 0.677 1.325 1.032 0.007
7.60
VCP 1.728 1.337 1.049 0.007
10.30
6
Mono Play to Line
No Effects
1110
11 11 11 10 xx xx x
0 x
x
1
VCP/2 0.585 1.328 0.738 0.007
6.65
VCP 1.516 1.339 0.739 0.007
9.00
Effects
1110
11 11 11 10 xx xx x
0 x
x
0
VCP/2 0.585 1.324 1.030 0.006
7.36
VCP 1.515 1.338 1.030 0.007
9.73
7
Stereo Play to HP
No Effects
1110
10 10 11 11 xx xx x
x
0 0 1
VCP/2 0.943 1.833 0.711 0.007
8.74
VCP 2.250 1.850 0.744 0.007
12.13
Effects 1110
10 10 11 11 xx xx x
x
0 0 0
VCP/2 0.945 1.835 1.090 0.007
9.69
VCP 2.237 1.846 1.121 0.007
13.03
8
Stereo Play to Line
No Effects
1110
11 11 10 10 xx xx 0 0 x
x
1
VCP/2 0.760 1.835 0.730 0.007
8.33
VCP 1.888 1.848 0.740 0.006
11.21
Effects
1110
11 11 10 10 xx xx 0 0 x
x
0
VCP/2 0.760 1.836 1.085 0.007
9.22
VCP 1.888 1.851 1.058 0.007
12.01
9
Stereo Passthrough to HP
1110
10 10 11 11 xx xx x
x
1 1 x
VCP/2 0.751 1.174 0.212 0.007
5.36
VCP 1.880 1.188 0.212 0.007
8.22
10 Stereo Passthrough to Line
1110
11 11 10 10 xx xx 1 1 x
x
x
VCP/2 0.759 1.175 0.211 0.007
5.38
VCP 1.886 1.189 0.211 0.007
8.23
11
Mono Rec. & Play
No Effects
PGA In, HP Out
1100
11 10 11 11 xx 00 xxx0 1
VCP/2 0.676 2.055 1.159 0.018
9.77
VCP 1.700 2.068 1.196 0.018
12.46
Effects 1100
11 10 11 11 xx 00 xxx0 0
VCP/2 0.678 2.055 1.462 0.018
10.53
VCP 1.696 2.066 1.463 0.018
13.11
12 Stereo Rec. & Play
No Effects
PGA In, HP Out
1000
10 10 11 11 00 00 x
x
0 0 1
VCP/2 0.945 3.071 1.340 0.024
13.45
VCP 2.254 3.089 1.358 0.023
16.81
Effects 1000
10 10 11 11 00 00 x
x
0 0 0
VCP/2 0.950 3.074 1.702 0.024
14.38
VCP 2.254 3.090 1.705 0.023
17.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com