Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L55 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 9Page - Cirrus Logic CS42L55 Datasheet HTML 10Page - Cirrus Logic CS42L55 Datasheet HTML 11Page - Cirrus Logic CS42L55 Datasheet HTML 12Page - Cirrus Logic CS42L55 Datasheet HTML 13Page - Cirrus Logic CS42L55 Datasheet HTML 14Page - Cirrus Logic CS42L55 Datasheet HTML 15Page - Cirrus Logic CS42L55 Datasheet HTML 16Page - Cirrus Logic CS42L55 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
DS773F1
13
CS42L55
ADC DIGITAL FILTER CHARACTERISTICS
Notes:
8.
Response is clock-dependent and will scale with Fs. Note that the response plots (Figures 27 to 30 on
page 70) have been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
HPF parameters are for Fs = 48 kHz.
9.
Characteristics are based on the default setting in register “HPF Control (Address 09h)” on page 47.
10. Settling time decreases at higher corner frequency settings.
Parameter (Note 8)
Min
Typ
Max
Unit
Frequency Response (20 Hz to 20 kHz)
-0.07
-
+0.02
dB
Passband
to -0.05 dB corner
to -3 dB corner
-
-
0.421
0.495
-
-
Fs
Fs
Stopband
0.52
-
-
Fs
Stopband Attenuation
33
-
-
dB
Total Group Delay
-
7.6/Fs
-
s
High-Pass Filter Characteristics (48 kHz Fs) (Note 9)
Passband
to -3.0 dB corner
to -0.05 dB corner
-
-
1.87
17.15
-
-
Hz
Hz
Passband Ripple
-
-
0.15
dB
Phase Deviation
@ 20 Hz
-5.3
-
Deg
Filter Settling Time (Note 10)
-
105/Fs
-s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com