Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49DV8C Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS49DV8C
Description  32-bit Audio DSP Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49DV8C Datasheet(HTML) 1 Page - Cirrus Logic

  CS49DV8C Datasheet HTML 1Page - Cirrus Logic CS49DV8C Datasheet HTML 2Page - Cirrus Logic CS49DV8C Datasheet HTML 3Page - Cirrus Logic CS49DV8C Datasheet HTML 4Page - Cirrus Logic CS49DV8C Datasheet HTML 5Page - Cirrus Logic CS49DV8C Datasheet HTML 6Page - Cirrus Logic CS49DV8C Datasheet HTML 7Page - Cirrus Logic CS49DV8C Datasheet HTML 8Page - Cirrus Logic CS49DV8C Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Copyright 2008 Cirrus Logic (All Rights Reserved)
SEPT ‘08
DS868PP2
http://www.cirrus.com
CS49DV8C Data Sheet
32-bit Dual Audio DSP Engine
featuring Multichannel Dolby® Volume
FEATURES
• 32-bit Post-Processor Audio DSP supports Multichannel
Dolby® Volume
• Programmable through DSP Composer™
• CS49DV8, supports up to 7.1 Channels of Dolby Volume
processing at 48 kHz, 44.1 kHz or 32 kHz.
— Input Configurable for all input/output digital audio types
(I2S, LJ/RJ, and TDM)
— 32-bit data path delivers uncompromised dynamic range
— 192 kHz capable integrated S/PDIF transmitter
— DAO can operate in master or slave mode (SCLK &
LRCLK)
• Integrated Clock Manager/PLL
— Capable of operating from a wide variety of external
crystals or external oscillators
• Input Fs Auto Detection, Reporting and Handling
• Sample rate conversion.
• Master & Slave Host Boot Capability via Serial Interface
• SPI interface capable of running up to 25 MHz during run
time
• 1.8V Core and a 3.3V I/O that is tolerant to 5V input
The new CS49DV8C is the fastest time-to-market, mass-
production ready Multichannel Dolby Volume solution available.
The target applications for the CS49DV8C DSP are:
— Soundbars
— DTVs with Integrated Soundbars
— HDTV Stands/Furniture with Integrated Soundbars
— Automotive Head Units
— Automotive Outboard Amplifiers
— Blu-ray Disc® & DVD Receivers / HTiBs
All of these applications and many more that use volume control
and are subject to playback from sources that do not have consis-
tent volume levels will benefit from the CS49DV8C Dolby Volume
solution.
Ordering Information
See page 27 for ordering information.
32-bit
DSP A
D
M
A
32-bit
DSP B
Ext. Memory Controller
P
S/PDIF
X
Y
P
X
Y
Serial
Control 1
8 Ch PCM
Audio Out
Serial
Control 2
GPIO
UART
Debug
STC
TMR1
TMR2
PLL
S/PDIF
8 Ch. Audio In
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.


Similar Part No. - CS49DV8C

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
32-bit Dual Audio DSP Engine
More results

Similar Description - CS49DV8C

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
32-bit High Definition Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
32-bit Dual Audio DSP Engine
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com