Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49DV8C Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS49DV8C
Description  32-bit Audio DSP Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49DV8C Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS49DV8C Datasheet HTML 9Page - Cirrus Logic CS49DV8C Datasheet HTML 10Page - Cirrus Logic CS49DV8C Datasheet HTML 11Page - Cirrus Logic CS49DV8C Datasheet HTML 12Page - Cirrus Logic CS49DV8C Datasheet HTML 13Page - Cirrus Logic CS49DV8C Datasheet HTML 14Page - Cirrus Logic CS49DV8C Datasheet HTML 15Page - Cirrus Logic CS49DV8C Datasheet HTML 16Page - Cirrus Logic CS49DV8C Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
DS868PP2
Copyright 2008 Cirrus Logic, Inc.
13
CS49DV8C Data Sheet
32-bit Audio DSP Family
5.7 Switching Characteristics — XTI
Figure 2. XTI Timing
5.8 Switching Characteristics — Internal Clock
Parameter
Symbol
Min
Max
Unit
External Crystal operating frequency1
1. Part characterized with the following crystal frequency values: 11.2896, 12.288, 18.432, 24.576, and 27
MHz.
Fxtal
11.2896
27
MHz
XTI period
Tclki
33.3
100
ns
XTI high time
Tclkih
13.3
-
ns
XTI low time
Tclkil
13.3
-
ns
External Crystal Load Capacitance (parallel resonant)2
2. CL refers to the total load capacitance as specified by the crystal manufacturer. Crystals which require a
CL outside this range should be avoided. The crystal oscillator circuit design should follow the crystal
manufacturer’s recommendation for load capacitor selection.
CL
10
18
pF
External Crystal Equivalent Series Resistance
ESR
50
W
Parameter
Symbol
Min
Max
Unit
Internal DCLK frequency1
CS49DV8C-CVZ
CS49DV8C-CVZR
1.After initial power-on reset, Fdclk = Fxtal. After initial kickstart commands, the PLL is locked to max Fdclk and remains
locked until the next power-on reset.
Fdclk
Fxtal
150
MHz
Internal DCLK period1
CS49DV8C-CVZ
CS49DV8C-CVZR
DCLKP
6.7
1/Fxtal
ns
t clkih
t clkil
Tclki
XTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com