Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49DV8C Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS49DV8C
Description  32-bit Audio DSP Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49DV8C Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS49DV8C Datasheet HTML 18Page - Cirrus Logic CS49DV8C Datasheet HTML 19Page - Cirrus Logic CS49DV8C Datasheet HTML 20Page - Cirrus Logic CS49DV8C Datasheet HTML 21Page - Cirrus Logic CS49DV8C Datasheet HTML 22Page - Cirrus Logic CS49DV8C Datasheet HTML 23Page - Cirrus Logic CS49DV8C Datasheet HTML 24Page - Cirrus Logic CS49DV8C Datasheet HTML 25Page - Cirrus Logic CS49DV8C Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22
Copyright 2008 Cirrus Logic, Inc.
DS868PP2
CS49DV8C Data Sheet
32-bit Audio DSP Family
5.16 Switching Characteristics — SDRAM Interface
Refer to Figure 11 through Figure 14.
(SD_CLKOUT = SD_CLKIN)
Parameter
Symbol
Min
Typical
Max
Unit
SD_CLKIN high time
tsdclkh
2.3
-
ns
SD_CLKIN low time
tsdclkl
2.3
-
ns
SD_CLKOUT rise/fall time
tsdclkrf
-1
ns
SD_CLKOUT Frequency
150
MHz
SD_CLKOUT duty cycle
-
45
55
%
SD_CLKOUT rising edge to signal valid
tsdcmdv
-3.8
ns
Signal hold from SD_CLKOUT rising edge
tsdcmdh
1.1
-
ns
SD_CLKOUT rising edge to SD_DQMn valid
tsddqv
-3.8
-
ns
SD_DQMn hold from SD_CLKOUT rising edge
tsddqh
1.38
-
ns
SD_DATA valid setup to SD_CLKIN rising edge
tsddsu
1.3
-
ns
SD_DATA valid hold to SD_CLKIN rising edge
tsddh
1.38
-
ns
SD_CLKOUT rising edge to ADDRn valid
tsdav
-3.8
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com