Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS3301
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301 Datasheet(HTML) 5 Page - Cirrus Logic

  CS3301 Datasheet HTML 1Page - Cirrus Logic CS3301 Datasheet HTML 2Page - Cirrus Logic CS3301 Datasheet HTML 3Page - Cirrus Logic CS3301 Datasheet HTML 4Page - Cirrus Logic CS3301 Datasheet HTML 5Page - Cirrus Logic CS3301 Datasheet HTML 6Page - Cirrus Logic CS3301 Datasheet HTML 7Page - Cirrus Logic CS3301 Datasheet HTML 8Page - Cirrus Logic CS3301 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS3301
DS595F3
5
THERMAL CHARACTERISTICS
ANALOG CHARACTERISTICS
Notes: 4. Guaranteed by design and/or characterization.
5. Tested with a full scale input signal of 31.25 Hz.
6. Noise in the harmonic bins dominates THD and linearity measurements for x16, x32, x64 gains.
Parameter
Symbol
Min
Typ
Max
Unit
Allowable Junction Temperature
-
-
135
ºC
Junction to Ambient Thermal Impedance
ΘJA
-
65
-
ºC / W
Ambient Operating Temperature (Power Applied)
TA
-40
-
+85
ºC
Parameter
Symbol
CS3301
Unit
Min
Typ
Max
Noise Performance, Normal
Input Voltage Noise
f0 = 0.1 Hz to 10 Hz
VNPP
-
0.20
0.40
µVp-p
Input Voltage Noise Density
f0 = 0.1 Hz to 2 kHz
VND
-8.5
12.0
Input Current Noise Density
(Note 4)IND
-200-
Noise Performance, Low Power (LPWR=1)
Input Voltage Noise
f0 = 0.1 Hz to 10 Hz
VNPP
-
0.25
0.50
µVp-p
Input Voltage Noise Density
f0 = 0.1 Hz to 2 kHz
VND
-
10.0
15.0
Input Current Noise Density
(Note 4)IND
-100-
Distortion Performance, Normal
Total Harmonic Distortion
(Note 5, 6)
THD
-
-118
-112
dB
Linearity
(Note 5, 6)LIN
-
0.000126
0.000251
%
Distortion Performance, Low Power (LPWR=1)
Total Harmonic Distortion
(Note 5, 6)
THD
-
-118
-110
dB
Linearity
(Note 5, 6)LIN
-
0.000126
0.000316
%
nV/ Hz
fA/ Hz
nV/ Hz
fA/ Hz
CS3301 In-Band Noise
0
5
10
15
20
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Frequency (Hz)
CS3301 Wide Band Noise
0
50
100
150
200
250
300
0.1
1
10
100
1000
10000 100000 1E+06
Frequency (Hz)
Figure 1. CS3301 Noise Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com