Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS3301
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS3301 Datasheet HTML 6Page - Cirrus Logic CS3301 Datasheet HTML 7Page - Cirrus Logic CS3301 Datasheet HTML 8Page - Cirrus Logic CS3301 Datasheet HTML 9Page - Cirrus Logic CS3301 Datasheet HTML 10Page - Cirrus Logic CS3301 Datasheet HTML 11Page - Cirrus Logic CS3301 Datasheet HTML 12Page - Cirrus Logic CS3301 Datasheet HTML 13Page - Cirrus Logic CS3301 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS3301
10
DS595F3
2.
GENERAL DESCRIPTION
The CS3301 is a low-noise chopper-stabilized
CMOS differential input, differential output ampli-
fier for precision analog signals between DC and
2 kHz. It has multiplexed inputs, rough/fine charge
outputs, and programmable gains of x1, x2, x4, x8,
x16, x32, and x64.
The amplifier’s performance makes it ideal for
low-frequency, high dynamic range applications
requiring low distortion and minimal power con-
sumption. It’s optimized for use in acquisition sys-
tems designed around the CS5371/72 single/dual
∆Σ modulators and the CS5376A quad digital fil-
ter. Figure 3 shows the system architecture of a 4-
channel acquisition system using four CS3301, two
CS5372, one CS4373A, and one CS5376A.
2.1
Analog Signals
2.1.1
Analog Inputs
The amplifier analog inputs are designed for differ-
ential sensors. Input multiplexing simplifies sys-
tem connections by providing separate inputs for a
sensor and test DAC (INA, INB) as well as an in-
ternal termination for noise tests. The MUX0,
MUX1 digital pins determine which multiplexed
input is connected to the amplifier.
2.1.2
Analog Outputs
The amplifier analog outputs are separated into
rough charge / fine charge signals to easily connect
to the CS5371/72 inputs. Each output also includes
a series resistor, requiring only two differential ca-
pacitors to create the CS5371/72 input anti-alias
filter.
∆Σ
Modulator
∆Σ
Modulator
Digital Filter
AMP
AMP
AMP
AMP
Geophone
or
Hydrophone
Sensor
Geophone
or
Hydrophone
Sensor
Geophone
or
Hydrophone
Sensor
Geophone
or
Hydrophone
Sensor
M
U
X
M
U
X
M
U
X
M
U
X
Test
DAC
µController
or
Configuration
EEPROM
Communication
Interface
CS3301
CS3302
CS5371
CS5371
CS5376A
CS4373A
System Telemetry
CS3301
CS3302
CS3301
CS3302
CS3301
CS3302
CS5372
CS5372
Switch
MUX
Switch
MUX
Figure 3. Multi-Channel System Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com