Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS3301
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS3301 Datasheet HTML 8Page - Cirrus Logic CS3301 Datasheet HTML 9Page - Cirrus Logic CS3301 Datasheet HTML 10Page - Cirrus Logic CS3301 Datasheet HTML 11Page - Cirrus Logic CS3301 Datasheet HTML 12Page - Cirrus Logic CS3301 Datasheet HTML 13Page - Cirrus Logic CS3301 Datasheet HTML 14Page - Cirrus Logic CS3301 Datasheet HTML 15Page - Cirrus Logic CS3301 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CS3301
12
DS595F3
ommended to be bypassed to system ground using
0.1
µF X7R type capacitors.
The VA- supply is connected to the CMOS sub-
strate and as such must remain the most negative
applied voltage to prevent potential latch-up condi-
tions. Care should be taken to ensure analog input
voltages do not drop more than -0.3 V below the
VA- supply. Care should also be taken to establish
the VA- supply before analog signals are applied to
the device. It is recommended to clamp the VA-
supply to system ground using a reversed biased
Schottky diode to prevent possible latch-up condi-
tions related to mismatched supply rail initializa-
tion.
2.3.2
Digital Power Supplies
The digital power supply across the VD and DGND
pins is flexible and can be set to interface with 3.3V
or 5V logic. The digital power supply should be by-
passed to system ground using a 0.01
µF X7R type
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com