Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5366
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5366_08 Datasheet HTML 1Page - Cirrus Logic CS5366_08 Datasheet HTML 2Page - Cirrus Logic CS5366_08 Datasheet HTML 3Page - Cirrus Logic CS5366_08 Datasheet HTML 4Page - Cirrus Logic CS5366_08 Datasheet HTML 5Page - Cirrus Logic CS5366_08 Datasheet HTML 6Page - Cirrus Logic CS5366_08 Datasheet HTML 7Page - Cirrus Logic CS5366_08 Datasheet HTML 8Page - Cirrus Logic CS5366_08 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
DS626F3
5
CS5366
LIST OF TABLES
Table 1. Power Supply Pin Definitions ...................................................................................................... 19
Table 2. DIF1 and DIF0 Pin Settings ........................................................................................................ 23
Table 3. M1 and M0 Settings .................................................................................................................... 23
Table 4. Frequencies for 48 kHz Sample Rate using LJ/I²S ..................................................................... 25
Table 5. Frequencies for 96 kHz Sample Rate using LJ/I²S ..................................................................... 25
Table 6. Frequencies for 192 kHz Sample Rate using LJ/I²S ................................................................... 25
Table 7. Frequencies for 48 kHz Sample Rate using TDM ....................................................................... 25
Table 8. Frequencies for 48 kHz Sample Rate using TDM ....................................................................... 25
Table 9. Frequencies for 96 kHz Sample Rate using TDM ....................................................................... 26
Table 10. Frequencies for 96 kHz Sample Rate using TDM ..................................................................... 26
Table 11. Frequencies for 192 kHz Sample Rate using TDM ................................................................... 26
Table 12. Frequencies for 192 kHz Sample Rate using TDM ................................................................... 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com