Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5366
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5366_08 Datasheet HTML 6Page - Cirrus Logic CS5366_08 Datasheet HTML 7Page - Cirrus Logic CS5366_08 Datasheet HTML 8Page - Cirrus Logic CS5366_08 Datasheet HTML 9Page - Cirrus Logic CS5366_08 Datasheet HTML 10Page - Cirrus Logic CS5366_08 Datasheet HTML 11Page - Cirrus Logic CS5366_08 Datasheet HTML 12Page - Cirrus Logic CS5366_08 Datasheet HTML 13Page - Cirrus Logic CS5366_08 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
DS626F3
CS5366
3. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND = 0 V, all voltages with respect to 0 V.
1.
TDM Quad-Speed Mode specified to operate correctly at VLS
≥ 3.14 V.
ABSOLUTE RATINGS
Operation beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed
at these extremes. Transient currents up to ±100 mA on the analog input pins will not cause SCR latch-up.
SYSTEM CLOCKING
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies:
Positive Analog
Positive Crystal
Positive Digital
Positive Serial Logic
Positive Control Logic
VA
VX
VD
VLS
VLC
4.75
4.75
3.14
1.711
1.71
5.0
5.0
3.3
3.3
3.3
5.25
V
Ambient Operating Temperature
(-CQZ)
(-DQZ)
TAC
TAA
-40
-40
-
-
85
105
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Analog
Positive Crystal
Positive Digital
Positive Serial Logic
Positive Control Logic
VA
VX
VD
VLS
VLC
-0.3
-
+6.0
V
Input Current
Iin
-10
-
+10
mA
Analog Input Voltage
VIN
-0.3
VA+0.3
V
Digital Input Voltage
VIND
VL+0.3
Ambient Operating Temperature (Power Applied)
TA
-50
+95
°C
Storage Temperature
Tstg
-65
+150
Parameter
Symbol
Min
Typ
Max
Unit
Input Master Clock Frequency
MCLK
0.512
55.05
MHz
Input Master Clock Duty Cycle
tclkhl
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com