Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5366
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5366_08 Datasheet HTML 21Page - Cirrus Logic CS5366_08 Datasheet HTML 22Page - Cirrus Logic CS5366_08 Datasheet HTML 23Page - Cirrus Logic CS5366_08 Datasheet HTML 24Page - Cirrus Logic CS5366_08 Datasheet HTML 25Page - Cirrus Logic CS5366_08 Datasheet HTML 26Page - Cirrus Logic CS5366_08 Datasheet HTML 27Page - Cirrus Logic CS5366_08 Datasheet HTML 28Page - Cirrus Logic CS5366_08 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DS626F3
25
CS5366
4.7
Master and Slave Clock Frequencies
Tables 4 through 12 show the clock speeds for sample rates of 48 kHz, 96 kHz and 192 kHz. The
MCLK/LRCK ratio should be kept at a constant value during each mode. In Master Mode, the device outputs
the frequencies shown. In Slave Mode, the SCLK/LRCK ratio can be set according to design preference.
However, device performance is guaranteed only when using the ratios shown in the tables.
Table 4. Frequencies for 48 kHz Sample Rate using LJ/I²S
Table 5. Frequencies for 96 kHz Sample Rate using LJ/I²S
Table 6. Frequencies for 192 kHz Sample Rate using LJ/I²S
Table 7. Frequencies for 48 kHz Sample Rate using TDM
Table 8. Frequencies for 48 kHz Sample Rate using TDM
Control Port Mode only
LJ/I²S MASTER OR SLAVE
SSM Fs = 48 kHz
MCLK Divider
÷4
÷3
÷2
÷1.5
÷1
MCLK (MHz)
49.152
36.864
24.576
18.384
12.288
SCLK (MHz)
3.072
3.072
3.072
3.072
3.072
MCLK/LRCK Ratio
1024
768
512
384
256
SCLK/LRCK Ratio
64
64
64
64
64
LJ/I²S MASTER OR SLAVE
DSM Fs = 96 kHz
MCLK Divider
÷4
÷3
÷2
÷1.5
÷1
MCLK (MHz)
49.152
36.864
24.567
18.384
12.288
SCLK (MHz)
6.144
6.144
6.144
6.144
6.144
MCLK/LRCK Ratio
512
384
256
192
128
SCLK/LRCK Ratio
64
64
64
64
64
LJ/I²S MASTER OR SLAVE
QSM Fs = 192 kHz
MCLK Divider
÷4
÷3
÷2
÷1.5
÷1
MCLK (MHz)
49.152
36.864
24
18.384
12.288
SCLK (MHz)
12.288
12.288
12.288
12.288
12.288
MCLK/LRCK Ratio
256
192
128
96
64
SCLK/LRCK Ratio
64
64
64
64
64
TDM MASTER
SSM Fs = 48 kHz
MCLK Divider
÷4
÷3
÷2
÷1.5
÷1
MCLK (MHz)
49.152
36.864
24.567
18.384
12.288
SCLK (MHz)
12.288
12.288
12.288
12.288
12.288
MCLK/FS Ratio
1024
768
512
384
256
SCLK/FS Ratio
256
256
256
256
256
TDM SLAVE
SSM Fs = 48 kHz
MCLK Divider
÷4
÷3
÷2
÷1.5
÷1
MCLK (MHz)
49.152
36.864
24.567
18.384
12.288
SCLK (MHz)
12.288
12.288
12.288
12.288
12.288
MCLK/FS Ratio
1024
768
512
384
256
SCLK/FS Ratio
256
256
256
256
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com