Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5461A Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 10Page - Cirrus Logic CS5461A Datasheet HTML 11Page - Cirrus Logic CS5461A Datasheet HTML 12Page - Cirrus Logic CS5461A Datasheet HTML 13Page - Cirrus Logic CS5461A Datasheet HTML 14Page - Cirrus Logic CS5461A Datasheet HTML 15Page - Cirrus Logic CS5461A Datasheet HTML 16Page - Cirrus Logic CS5461A Datasheet HTML 17Page - Cirrus Logic CS5461A Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
CS5461A
14
DS661F2
To generate a value for the accumulated active energy
over the last computation cycle, the active power can be
multiplied by the time duration of the computation cycle.
The apparent power is the combination of the active
power and reactive power, without reference to an im-
pedance phase angle, and is calculated by the
CS5461A using the following formula:
The apparent power is registered once every computa-
tion cycle.
4.4 Linearity Performance
The linearity of the VRMS, IRMS, and active power mea-
surements (before calibration) will be within ±0.1% of
reading over the ranges specified, with respect to the in-
put voltage levels required to cause full-scale readings
in the IRMS and VRMS registers. Refer to Linearity Per-
formance Specifications on page 7.
Until the CS5461A is calibrated, the accuracy of the
CS5461A (with respect to a reference line-voltage and
line-current level on the power mains) is not guaranteed
to within ±0.1%. See Section 7. System Calibration on
page 35. The accuracy of the internal calculations can
often be improved by selecting a value for the Cycle
Count Register that will cause the time duration of one
computation cycle to be equal to (or very close to) a
whole-number of power-line cycles (and N must be
greater than or equal to 4000).
SV
RMS
I
RMS
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com