Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5461A Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 29Page - Cirrus Logic CS5461A Datasheet HTML 30Page - Cirrus Logic CS5461A Datasheet HTML 31Page - Cirrus Logic CS5461A Datasheet HTML 32Page - Cirrus Logic CS5461A Datasheet HTML 33Page - Cirrus Logic CS5461A Datasheet HTML 34Page - Cirrus Logic CS5461A Datasheet HTML 35Page - Cirrus Logic CS5461A Datasheet HTML 36Page - Cirrus Logic CS5461A Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
CS5461A
DS661F2
33
6.21 Control Register
Register Address: 28
Default = 0x000000
FAC
Determines if anti-creep is enabled for pulse output E3.
0 = Disable anti-creep (default)
1 = Enabled anti-creep
EAC
Determines if anti-creep is enabled for pulse output E1 and/or E2.
0 = Disable anti-creep (default)
1 = Enabled anti-creep
STOP
Terminates the auto-boot sequence.
0 = Normal (default)
1 = Stop sequence
MECH
Mechanical Counter Format, E1 or E2 becomes active low pulses with an output frequency pro-
portional to the active power
0 = Normal (default) or Stepper Motor Format
1 = Mechanical Counter Format, also ALT = 0
INTOD
Converts INT output pin to an open drain output.
0 = Normal (default)
1 = Open drain
NOCPU
Saves power by disabling the CPUCLK pin.
0 = Normal (default)
1 = Disables CPUCLK
NOOSC
Saves power by disabling the crystal oscillator.
0 = Normal (default)
1 = Oscillator circuit disabled
STEP
Stepper Motor Format, E1 and E2 becomes active low pulses with an output frequency propor-
tional to the active power
0 = Normal Format (default)
1 = Stepper Motor Format, also MECH = 0 and ALT = 0
6.22 Temperature Gain Register ( TGain )
Address: 29
Default = 0x2F02C3 = 23.5073471
Sets the temperature channel gain. Temperature gain (TGain) is utilized to convert from one temperature scale to an-
other. The Celsius scale (oC) is the default. Values are represented in unsigned notation and in the range of
0
≤ TGain < 128, with the binary point to the right of the seventh MSB.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
FAC
EAC
STOP
7
654
32
10
MECH
INTOD
NOCPU
NOOSC
STEP
MSB
LSB
26
25
24
23
22
21
20
2-1
.....
2-11
2-12
2-13
2-14
2-15
2-16
2-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com