Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5461A Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 27Page - Cirrus Logic CS5461A Datasheet HTML 28Page - Cirrus Logic CS5461A Datasheet HTML 29Page - Cirrus Logic CS5461A Datasheet HTML 30Page - Cirrus Logic CS5461A Datasheet HTML 31Page - Cirrus Logic CS5461A Datasheet HTML 32Page - Cirrus Logic CS5461A Datasheet HTML 33Page - Cirrus Logic CS5461A Datasheet HTML 34Page - Cirrus Logic CS5461A Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
CS5461A
DS661F2
31
6.15 Pulsewidth Register ( PW )
Address: 21
Default = 0x000200 = 512 sample periods
PW sets the pulsewidth of E1 and E2 pulses in Alternate Pulse and Mechanical Counter format. The width is a
function of number of sample periods. The default corresponds to a pulsewidth of
512 samples/[(MCLK/K)/1024] = 128 msec with MCLK = 4.096 MHz and K = 1. The value is represented in un-
signed notation.
6.16 E3 Pulse Width Register ( PulseWidth )
Address: 22
Default = 0x000000 = Hardware-generated pulse width (up to 125
µs)
The PulseWidth register sets the pulse width of E3 pulses in units of 1/OWR.
E3 pulse width =
The range of this register is from 1 to 8388607.
6.17 Voltage Sag Duration Register ( VSAGDuration )
Address: 23
Default = 0x000000
Voltage Sag Duration (VSAGDuration) defines the number of instantaneous voltage measurements utilized to de-
termine a voltage level sag event (VSAGLEVEL). Setting this register to zero will disable Voltage Sag-detect. The
value is represented in unsigned notation.
6.18 Voltage Sag Level Register ( VSAGLevel )
Address: 24
Default = 0x000000
Voltage Sag Level (VSAGLevel) defines the voltage level that the magnitude of input samples, averaged over the
sag duration, must fall below in order to register a sag condition. This value is represented in unsigned notation
and in the range of 0
≤ VSAG
Level < 1.0, with the binary point to the right of the MSB.
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
PulseWidth
MCLK
() K
⁄
() 1024
⁄
---------------------------------------------
MSB
LSB
0
2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com