Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5522 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5522
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5522 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5522 Datasheet HTML 22Page - Cirrus Logic CS5522 Datasheet HTML 23Page - Cirrus Logic CS5522 Datasheet HTML 24Page - Cirrus Logic CS5522 Datasheet HTML 25Page - Cirrus Logic CS5522 Datasheet HTML 26Page - Cirrus Logic CS5522 Datasheet HTML 27Page - Cirrus Logic CS5522 Datasheet HTML 28Page - Cirrus Logic CS5522 Datasheet HTML 29Page - Cirrus Logic CS5522 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
CS5521/22/23/24/28
26
DS317F6
1.2.5 Reading/Writing the Offset, Gain, and
Configuration Registers
The CS5521/22/23/24/28’s offset, gain, and config-
uration registers are accessed individually and can
be read from or written to. To write to an offset, a
gain, or the configuration register, the user must
transmit the appropriate write command which ac-
cesses the particular register and then follow that
command with 24 bits of data (refer to Figure 10 for
details). For example, to write 0x800000 (hexadeci-
mal) to physical channel one’s gain register, the user
would transmit the command byte 0x02 (hexadeci-
mal) and then follow that command byte with the
data 0x800000 (hexadecimal). Similarly, to read
physical channel one’s gain register, the user must
first transmit the command byte 0x0A (hexadeci-
mal) and then read the 24 bits of data. Once an off-
set, a gain, or the configuration register is written to
or read from, the serial port returns to the command
mode.
1.2.6 Reading/Writing the Channel-Setup Reg-
isters
The CS5521/22 have two 24-bit channel-setup reg-
isters (CSRs). The CS5523/24 have four CSRs, and
the CS5528 has eight CSRs (refer to Table 3 for
more detail on the CSRs). These registers are ac-
cessed in conjunction with the depth pointer bits in
the configuration register. Each CSR contains two
12-bit Setups which are programmed by the user to
contain data conversion or calibration information
such as:
1) state of the output latch pins
2) output word rate
3) gain range
4) polarity
5) the address of a physical input channel to be
converted.
Once programmed, they are used to determine the
mode (e.g. unipolar, 15 Sps, 100 mV range etc.) the
ADC will operate in when future conversions or
calibrations are performed.
To access the CSRs, the user must first initialize the
depth pointer bits in the configuration register as
these bits determine the number of CSRs to read
from or write to. For example, to write CSR1
(Setup1 and Setup2), the user would first program
the configuration register’s depth pointer bits with
‘0001’ binary. This notifies the ADC’s serial port
that only the first CSR is to be accessed. Then, the
user would transmit the write command, 0x05
(hexadecimal) and follow that command with 24
bits of data. Similarly, to read CSR1, the user must
transmit the command byte 0x0D (hexadecimal)
and then read the 24 bits of data. To write more
than one CSR, for instance CSR1 and CSR2
(Setup1, Setup2, Setup3, and Setup4), the user
would first set the depth pointer bits in the configu-
ration register to ‘0011’ binary. The user would then
transmit the write CSR command 0x05 (hexadeci-
mal) and follow that with the information for
Setup1, Setup2, Setup 3, and Setup 4 which is 48
bits of information. Note that while reading/writing
CSRs, two Setups are accessed in pairs as a single
24-bit CSR register. Even if one of the Setups isn’t
used, it must be written to or read. Further note that
the CSRs are accessed as a closed array
– the user
can not access CSR2 without accessing CSR1. This
requirement means that the depth bits in the config-
uration register can only be set to one of the follow-
ing states when the CSRs are being read from or
written to: 0001, 0011, 0101, 0111, 1001, 1011,
1101, 1111. Examples detailing the power of the
CSRs are provided in the Performing Conversions
and Reading the Data Conversion FIFO section.
Once the CSRs are written to or read from, the serial
port returns to the command mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com