Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5522 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5522
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5522 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5522 Datasheet HTML 1Page - Cirrus Logic CS5522 Datasheet HTML 2Page - Cirrus Logic CS5522 Datasheet HTML 3Page - Cirrus Logic CS5522 Datasheet HTML 4Page - Cirrus Logic CS5522 Datasheet HTML 5Page - Cirrus Logic CS5522 Datasheet HTML 6Page - Cirrus Logic CS5522 Datasheet HTML 7Page - Cirrus Logic CS5522 Datasheet HTML 8Page - Cirrus Logic CS5522 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
CS5521/22/23/24/28
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
Features
Low Input Current (100 pA), Chopper-
stabilized Instrumentation Amplifier
Scalable Input Span (Bipolar/Unipolar)
- 2.5V VREF: 25 mV, 55 mV, 100 mV, 1 V,
2.5 V, 5 V
- External: 10 V, 100 V
Wide VREF Input Range (+1 to +5 V)
Fourth Order Delta-Sigma A/D Converter
Easy to Use Three-wire Serial Interface Port
- Programmable/Auto Channel Sequencer with
Conversion Data FIFO
- Accessible Calibration Registers per Channel
- Compatible with SPI™ and Microwire™
System and Self Calibration
Eight Selectable Word Rates
- Up to 617 Sps (XIN = 200 kHz)
- Single Conversion Settling
- 50/60 Hz ±3 Hz Simultaneous Rejection
Single +5 V Power Supply Operation
- Charge Pump Drive for Negative Supply
- +3 to +5 V Digital Supply Operation
Low Power Consumption: 6.0 mW
General Description
The CS5521/22/23/24/28 are highly integrated
∆Σ ana-
log-to-digital converters (ADCs) which use charge-
balance techniques to achieve 16-bit (CS5521/23) and
24-bit (CS5522/24/28) performance. The ADCs come as
either
two-channel
(CS5521/22),
four-channel
(CS5523/24), or eight-channel (CS5528) devices and
include a low-input-current, chopper-stabilized instru-
mentation amplifier. To permit selectable input spans of
25 mV, 55 mV, 100 mV, 1 V, 2.5 V, and 5 V, the ADCs
include a PGA (programmable gain amplifier). To ac-
commodate ground-based thermocouple applications,
the devices include a charge pump drive which provides
a negative bias voltage to the on-chip amplifiers.
These devices also include a fourth-order
∆Σ modulator
followed by a digital filter which provides eight selectable
output word rates. The digital filters are designed to settle
to full accuracy within one conversion cycle and when
operated at word rates below 30 Sps, they reject both
50 Hz and 60 Hz interference.
These single-supply products are ideal solutions for
measuring isolated and non-isolated, low-level signals in
process control applications.
ORDERING INFORMATION
See page 52.
VA+
AGND
VREF+ VREF-
VD+
DGND
XIN XOUT
NBV
Latch
Differential
Digital Filter
4th Order
∆Σ
Modulator
Clock
Gen.
MUX
AIN2+
X1
X1
X1
CS5524
Shown
AIN2-
AIN1+
AIN1-
AIN4+
AIN4-
AIN3+
AIN3-
A0 A1
CPD
Controller,
Setup Registers,
&
Data FIFO &
Calibration Registers
Channel Scan
Logic
Serial Port
Interface
+
X20
SDO
SDI
SCLK
CS
JUL ‘08
DS317F6


Similar Part No. - CS5522

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5522 CIRRUS-CS5522 Datasheet
784Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5522-AP CIRRUS-CS5522-AP Datasheet
954Kb / 56P
16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5522-AS CIRRUS-CS5522-AS Datasheet
954Kb / 56P
16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5522-ASZ CIRRUS-CS5522-ASZ Datasheet
784Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
More results

Similar Description - CS5522

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
4-/8-Channel 24-Bit uPower No Latency ADCs
logo
Cirrus Logic
CS5531 CIRRUS-CS5531 Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
logo
Linear Technology
LTC2414 LINER-LTC2414 Datasheet
792Kb / 48P
8-/16-Channel 24-Bit No Latency TM ADCs
logo
Cirrus Logic
CS5531 CIRRUS-CS5531_08 Datasheet
789Kb / 50P
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
CS5532 CIRRUS-CS5532 Datasheet
764Kb / 50P
24-bit ?誇 ADCs with Ultra-low-noise PGIA
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
logo
Linear Technology
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
4-/8-Channel 24-Bit Power No Latency ADCs
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
8-/16-Channel 24-Bit No Latency ADCs
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
8-/16-Channel 24-Bit No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com