Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5522 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS5522
Description  16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5522 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS5522 Datasheet HTML 40Page - Cirrus Logic CS5522 Datasheet HTML 41Page - Cirrus Logic CS5522 Datasheet HTML 42Page - Cirrus Logic CS5522 Datasheet HTML 43Page - Cirrus Logic CS5522 Datasheet HTML 44Page - Cirrus Logic CS5522 Datasheet HTML 45Page - Cirrus Logic CS5522 Datasheet HTML 46Page - Cirrus Logic CS5522 Datasheet HTML 47Page - Cirrus Logic CS5522 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
CS5521/22/23/24/28
44
DS317F6
XO U T
VD +
VA +
VR EF +
VR EF -
DG N D
NB V
AIN 1 +
AIN 1 -
SC L K
SD O
SD I
CS5522
XIN
CP D
CS
10
Ω
+5 V
A nalog
S upply
0.1
µF
0.1
µF
20
19
3
4
1
AG N D
21 4
11
10
15
12
8
9
13
5
O p tion al
Clo ck
S ource
Se ria l
Da ta
In te rfa ce
7
32 .7 6 8 ~ 10 0 kH z
0 to +5 V In p u t
18
AIN 2 +
17
AIN 2 -
16
A1
6
A0
+
-
C M = 0 to V A +
Figure 22. CS5522 Configured for ground-referenced Unipolar Signals
XO UT
VD +
VA +
VR E F +
VRE F -
DG ND
NB V
AIN 1 +
AIN 1 -
SCL K
SD O
SDI
CS 5522
XIN
CP D
CS
10
Ω
+5 V
An a lo g
Su p p ly
0.1
µF
0.1
µF
+
-
20
19
3
4
1
AG N D
2
14
11
10
15
12
8
9
13
5
O p tional
Clo c k
So u rc e
Se ria l
Da ta
In te rfa c e
7
32.76 8 ~ 10 0kH z
18
AIN2 +
17
AIN 2 -
16
A1
6
A0
Figure 23. CS5522 Configured for Single Supply Bridge Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com