Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5531 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5531
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5531 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5531 Datasheet HTML 1Page - Cirrus Logic CS5531 Datasheet HTML 2Page - Cirrus Logic CS5531 Datasheet HTML 3Page - Cirrus Logic CS5531 Datasheet HTML 4Page - Cirrus Logic CS5531 Datasheet HTML 5Page - Cirrus Logic CS5531 Datasheet HTML 6Page - Cirrus Logic CS5531 Datasheet HTML 7Page - Cirrus Logic CS5531 Datasheet HTML 8Page - Cirrus Logic CS5531 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
CS5531/32/33/34-AS
DS289F5
5
ANALOG CHARACTERISTICS (Continued)
(See Notes 1 and 2.)
Notes: 5. The voltage on the analog inputs is amplified by the PGIA, and becomes VCM ± Gain*(AIN+ - AIN-)/2 at
the differential outputs of the amplifier. In addition to the input common mode + signal requirements for
the analog input pins, the differential outputs of the amplifier must remain between (VA- + 0.1 V) and
(VA+ - 0.1 V) to avoid saturation of the output stage.
6. See the section of the data sheet which discusses input models.
7. Input current on AIN+ or AIN- (with Gain = 1), or VREF+ or VREF- may increase to 250 nA if operated
within 50 mV of VA+ or VA-. This is due to the rough charge buffer being saturated under these
conditions.
Parameter
Min
Typ
Max
Unit
Analog Input
Common Mode + Signal on AIN+ or AIN-Bipolar/Unipolar Mode
Gain = 1
Gain = 2, 4, 8, 16, 32, 64
(Note 5)
VA-
VA- + 0.7
-
-
VA+
VA+ - 1.7
V
V
CVF Current on AIN+ or AIN-
Gain = 1
(Note 6, 7)
Gain = 2, 4, 8, 16, 32, 64
-
-
50
1200
-
-
nA
pA
Input Current Noise
Gain = 1
Gain = 2, 4, 8, 16, 32, 64
-
-
200
1
-
-
pA/
√Hz
pA/
√Hz
Input Leakage for Mux when Off (at 25 °C)
-
10
-
pA
Off-channel Mux Isolation
-
120
-
dB
Open Circuit Detect Current
100
300
-
nA
Common Mode Rejection
dc, Gain = 1
dc, Gain = 64
50, 60 Hz
-
-
-
90
130
120
-
-
-
dB
dB
dB
Input Capacitance
-
60
-
pF
Guard Drive Output
-
20
-
µA
Voltage Reference Input
Range
(VREF+) - (VREF-)
1
2.5
(VA+)-(VA-)
V
CVF Current
(Note 6, 7)
-
50
-
nA
Common Mode Rejection
dc
50, 60 Hz
-
-
120
120
-
-
dB
dB
Input Capacitance
11
-
22
pF
System Calibration Specifications
Full-scale Calibration Range
Bipolar/Unipolar Mode
3
-
110
%FS
Offset Calibration Range
Bipolar Mode
-100
-
100
%FS
Offset Calibration Range
Unipolar Mode
-90
-
90
%FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com