Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5531 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5531
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5531 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5531 Datasheet HTML 9Page - Cirrus Logic CS5531 Datasheet HTML 10Page - Cirrus Logic CS5531 Datasheet HTML 11Page - Cirrus Logic CS5531 Datasheet HTML 12Page - Cirrus Logic CS5531 Datasheet HTML 13Page - Cirrus Logic CS5531 Datasheet HTML 14Page - Cirrus Logic CS5531 Datasheet HTML 15Page - Cirrus Logic CS5531 Datasheet HTML 16Page - Cirrus Logic CS5531 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
CS5531/32/33/34-AS
DS289F5
13
instrumentation amplifier is typically 1200 pA
over
-40°C to +85°C (MCLK=4.9152 MHz).
The common-mode plus signal range of the instru-
mentation amplifier is (VA-) + 0.7 V to (VA+) -
1.7 V.
Figure 4 illustrates the input models for the ampli-
fiers. The dynamic input current for each of the
pins can be determined from the models shown.
Note:
The C=3.9pF and C = 14pF capacitors are
for input current modeling only. For physical
input capacitance see ‘Input Capacitance’
specification under Analog Characteristics.
2.1.1. Analog Input Span
The full-scale input signal that the converter can
digitize is a function of the gain setting and the ref-
erence voltage connected between the VREF+ and
VREF- pins. The full-scale input span of the con-
verter is [(VREF+) - (VREF-)]/(GxA), where G is
the gain of the amplifier and A is 2 for VRS = 0, or
A is 1 for VRS = 1. VRS is the Voltage Reference
Select bit, and must be set according to the differen-
tial voltage applied to the VREF+ and VREF- pins
on the part. See section 2.3.5 for more details.
After reset, the unity gain buffer is engaged. With a
2.5V reference this would make the full-scale input
range default to 2.5 V. By activating the instrumen-
tation amplifier (i.e. a gain setting other than 1) and
using a gain setting of 32, the full-scale input range
can quickly be set to 2.5/32 or about 78 mV. Note
that these input ranges assume the calibration regis-
ters are set to their default values (i.e. Gain = 1.0 and
Offset = 0.0).
2.1.2. Multiplexed Settling Limitations
The settling performance of the CS5531/32/33/34
in multiplexed applications is affected by the sin-
gle-pole, low-pass filter which follows the instru-
mentation amplifier (see Figure 3). To achieve data
sheet settling and linearity specifications, it is rec-
ommended that a 22 nF C0G capacitor be used.
Capacitors as low as 10 nF or X7R type capacitors
can also be used with some minor increase in dis-
tortion for AC signals.
2.1.3. Voltage Noise Density Performance
Figure 5 illustrates the measured voltage noise
density versus frequency from 0.025 Hz to 10 Hz
of a CS5532-AS. The device was powered with
±2.5 V supplies, using 30 Sps OWR, the 64x gain
range, bipolar mode, and with the input short bit
enabled.
AIN
Gain =2, 4,8,16, 32,64
C =3 .9 pF
f=
Gain = 1
AIN
C= 14 pF
φ Coarse
1
φ Fine
1
V
≤ 12 mV
i= fV
C
os
os
n
V
≤ 8mV
i= fV
C
os
os
n
MCLK
128
f=
MCLK
16
Figure 4. Input models for AIN+ and AIN- pins
1
10
100
1000
0.025
0.10
1.00
10.00
Frequency (Hz)
Figure 5. Measured Voltage Noise Density, 64x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com