Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5531 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5531
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5531 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5531 Datasheet HTML 18Page - Cirrus Logic CS5531 Datasheet HTML 19Page - Cirrus Logic CS5531 Datasheet HTML 20Page - Cirrus Logic CS5531 Datasheet HTML 21Page - Cirrus Logic CS5531 Datasheet HTML 22Page - Cirrus Logic CS5531 Datasheet HTML 23Page - Cirrus Logic CS5531 Datasheet HTML 24Page - Cirrus Logic CS5531 Datasheet HTML 25Page - Cirrus Logic CS5531 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
CS5531/32/33/34-AS
22
DS289F5
2.2.4. Serial Port Interface
The CS5531/32/33/34’s serial interface consists of
four control lines: CS, SDI, SDO, SCLK. Figure 7
details the command and data word timing.
CS, Chip Select, is the control line which enables
access to the serial port. If the CS pin is tied low,
the port can function as a three-wire interface.
SDI, Serial Data In, is the data signal used to trans-
fer data to the converters.
SDO, Serial Data Out, is the data signal used to
transfer output data from the converters. The SDO
output will be held at high impedance any time CS
is at logic 1.
SCLK, Serial Clock, is the serial bit-clock which
controls the shifting of data to or from the ADC’s
serial port. The CS pin must be held low (logic 0)
before SCLK transitions can be recognized by the
port logic. To accommodate optoisolators SCLK is
designed with a Schmitt-trigger input to allow an
optoisolator with slower rise and fall times to di-
rectly drive the pin. Additionally, SDO is capable
of sinking or sourcing up to 5 mA to directly drive
an optoisolator LED. SDO will have less than a 400
mV loss in the drive voltage when sinking or sourc-
ing 5 mA.
Command Time
8SCLKs
Data Time 32 SCLKs
Write Cycle
CS
SCLK
SDI
MSB
Command Time
8SCLKs
CS
SCLK
SDI
Read Cycle
SDO
MSB
LSB
Command Time
8SCLKs
8 SCLKs Clear SDO Flag
SDO
SCLK
SDI
MSB
LSB
Clock Cycles
t*
d
CS
Data Time 32 SCLKs
Data Time 32 SCLKs
LSB
Data Conversion Cycle
/OWR
MCLK
* td is the time it takes the ADC to perform a conversion. See the Single
Conversion and Continuous Conversion sections of the data sheet for more
details about conversion timing.
Figure 7. Command and Data Word Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com