Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5581 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5581
Description  짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5581 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5581 Datasheet HTML 7Page - Cirrus Logic CS5581 Datasheet HTML 8Page - Cirrus Logic CS5581 Datasheet HTML 9Page - Cirrus Logic CS5581 Datasheet HTML 10Page - Cirrus Logic CS5581 Datasheet HTML 11Page - Cirrus Logic CS5581 Datasheet HTML 12Page - Cirrus Logic CS5581 Datasheet HTML 13Page - Cirrus Logic CS5581 Datasheet HTML 14Page - Cirrus Logic CS5581 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
CS5581
DS796PP1
11
3/25/08
14:34
GUARANTEED LOGIC LEVELS
TA =-40 to +85°C; V1+= V2+= +2.5 V, ±5%; V1- = V2- = -2.5 V, ±5%;
VL - VLR = 3.3 V, ±5%, 2.5 V, ±5%, or 1.8 V, ±5%
Input levels: Logic 0 = 0V = Low; Logic 1 = VD+ = High; CL = 15 pF.
Guaranteed Limits
Parameter
Sym
VL
Min
Typ
Max
Unit
Conditions
Logic Inputs
Minimum High-level Input Voltage:
VIH
3.3
1.9
V
2.5
1.6
1.8
1.2
Maximum Low-level Input Voltage:
VIL
3.3
1.1
V
2.5
0.95
1.8
0.6
Logic Outputs
Minimum High-level Output Voltage:
VOH
3.3
2.9
V
IOH =-2 mA
2.5
2.1
1.8
1.65
Maximum Low-level Output Voltage:
VOL
3.3
0.36
V
IOH =-2 mA
2.5
0.36
1.8
0.44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com