Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5581 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5581
Description  짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5581 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5581 Datasheet HTML 17Page - Cirrus Logic CS5581 Datasheet HTML 18Page - Cirrus Logic CS5581 Datasheet HTML 19Page - Cirrus Logic CS5581 Datasheet HTML 20Page - Cirrus Logic CS5581 Datasheet HTML 21Page - Cirrus Logic CS5581 Datasheet HTML 22Page - Cirrus Logic CS5581 Datasheet HTML 23Page - Cirrus Logic CS5581 Datasheet HTML 24Page - Cirrus Logic CS5581 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
CS5581
DS796PP1
21
3/25/08
14:34
Figures 11 through 16 illustrate the performance of the CS5581 when driven by a 5.55 kHz sine wave at
various amplitudes. In each case, the captured data was windowed with a seven-term window function
that exhibits 4.3 dB of attenuation before being processed by the FFT.
Figure 14 illustrates the converter performance with an input that is 1/10,000 of full scale. This is a signal
magnitude of about 6.5 codes, peak to peak.
Figure 15 illustrates the converter performance with an input that is 1/100,000 of full scale, or about 0.65
of a code, peak to peak. These plots illustrate that this converter has excellent small-signal performance
due to the near-perfect DNL of the converter.
-160
-140
-120
-100
-80
-60
-40
-20
0
0
20k
40k
60k
80k
100k
Frequency (Hz)
5.55 kHz, 0 dB
32k Samples @ 200 kSps
-160
-140
-120
-100
-80
-60
-40
-20
0
0
20k
40k
60k
80k
100k
Frequency (Hz)
5.55 kHz, -6 dB
32k Samples @ 200 kSps
-160
-140
-120
-100
-80
-60
-40
-20
0
0
20k
40k
60k
80k
100k
Frequency (Hz)
5.55 kHz, -80 dB
32k Samples @ 200 kSps
-160
-140
-120
-100
-80
-60
-40
-20
0
0
20k
40k
60k
80k
100k
Frequency (Hz)
5.55 kHz, -12 dB
32k Samples @ 200 kSps
-160
-140
-120
-100
-80
-60
-40
-20
0
0
20k
40k
60k
80k
100k
Frequency (Hz)
5.55 kHz, -100 dB
32k Samples @ 200 kSps
Figure 11. Spectral Performance, 0 dB
Figure 12. Spectral Performance, -6 dB
Figure 13. Spectral Performance, -12 dB
Figure 14. Spectral Performance, -80 dB
Figure 15. Spectral Performance, -100 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com