Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5581 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5581
Description  짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5581 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5581 Datasheet HTML 1Page - Cirrus Logic CS5581 Datasheet HTML 2Page - Cirrus Logic CS5581 Datasheet HTML 3Page - Cirrus Logic CS5581 Datasheet HTML 4Page - Cirrus Logic CS5581 Datasheet HTML 5Page - Cirrus Logic CS5581 Datasheet HTML 6Page - Cirrus Logic CS5581 Datasheet HTML 7Page - Cirrus Logic CS5581 Datasheet HTML 8Page - Cirrus Logic CS5581 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CS5581
4
DS796PP1
3/25/08
14:34
1. CHARACTERISTICS AND SPECIFICATIONS
•
Min / Max characteristics and specifications are guaranteed over the specified operating conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
•
VLR = 0 V. All voltages measured with respect to 0 V.
ANALOG CHARACTERISTICS T
A = -40 to +85 °C; V1+ = V2+ = +2.5 V, ±5%; V1- = V2- = -2.5 V,
±5%; VL -VLR = 3.3 V, ±5%; VREF = (VREF+) - (VREF-) = 4.096V; MCLK = 16 MHz; SMODE = VL, unless other-
wise stated; BUFEN = V1+ unless otherwise stated. Connected per Figure 6. Bipolar mode unless otherwise
stated.
1.
No missing codes is guaranteed at 16 bits resolution over the specified temperature range.
2.
Total drift over specified temperature range after reset at power-up, at 25º C.
3.
One LSB is equivalent to VREF ÷ 216 or 4.096 ÷ 65536 = 62.5
µV.
4.
Scales with MCLK.
Parameter
Min
Typ
Max
Unit
Accuracy
Linearity Error
-
0.0008
-
±%FS
Differential Linearity Error
(Note 1)
-
-
±0.1
LSB16
Positive Full-scale Error
-
1.0
-
%FS
Negative Full-scale Error
-
1.0
-
%FS
Full-scale Drift
(Note 2, 3)
-
±1
-
LSB16
Bipolar Offset
(Note 3)
-
±15
-
LSB16
Bipolar Offset Drift
(Note 2, 3)
-
±1
-
LSB16
Noise
-
140
-
µVrms
Dynamic Performance
Peak Harmonic or Spurious Noise
1 kHz, -0.5 dB Input
12 kHz, -0.5 dB Input
-
-
-96
-96
-
-
dB
dB
Total Harmonic Distortion
1 kHz, -0.5 dB Input
-
-95
-82
dB
Signal-to-Noise
77
80
-
dB
S/(N + D) Ratio
-0.5 dB Input, 1 kHz
-60 dB Input, 1 kHz
-
-
80
21
-
-
dB
dB
-3 dB Input Bandwidth
(Note 4)
-
168
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com