Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83R5122XXX-RDTUM Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT83R5122XXX-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDTUM Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDTUM Datasheet HTML 77Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 78Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 79Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 80Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 81Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 82Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 83Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 84Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 208 page
background image
81
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0X00 0000b
Table 48.
Smart Card UART Interrupt Enabling Register - SCIER (S:AEh, SCRS=1)
7
6
5
4
321
0
ESCTBI
-
ICARDER
EVCARDER
ESCWTI
ESCTI
ESCRI
ESCPI
Bit Number
Bit Mnemonic
Description
7ESCTBI
UART Transmit Buffer Empty Interrupt Enabled
Clear this bit to disable the Smart Card UART Transmit Buffer Empty interrupt.
Set this bit to enable the Smart Card UART Transmit Buffer Empty interrupt.
6-
Reserved
The value read from this bit is indeterminate. Do not change this bit.
5
ICARDER
Card Current Overflow Interrupt Enabled
Clear this bit to disable the Card Current Overflow interrupt.
Set this bit to enable the Card Current Overflow interrupt.
4
EVCARDER
Card Voltage Error Interrupt Enabled
Clear this bit to disable the Card Voltage Error interrupt.
Set this bit to enable the Card Voltage Error interrupt.
3ESCWTI
WaitingTime Counter Timeout Interrupt Enabled
Clear this bit to disable the Waiting Time Counter timeout interrupt.
Set this bit to enable the Waiting Time Counter timeout interrupt.
2ESCTI
UART Transmitted Character Interrupt Enabled
Clear this bit to disable the Smart Card UART Transmitted Character interrupt.
Set this bit to enable the Smart Card UART Transmitted Character interrupt.
1
ESCRI
UART Received Character Interrupt Enabled
Clear this bit to disable the Smart Card UART Received Character interrupt.
Set this bit to enable the Smart Card UART Received Character interrupt.
0ESCPI
Character Reception Parity Error Interrupt Enabled
Clear this bit to disable the Smart Card Character Reception Parity Error interrupt.
Set this bit to enable the Smart Card Character Reception Parity Error interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com