Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83R5122XXX-RDTUM Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT83R5122XXX-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDTUM Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDTUM Datasheet HTML 37Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 38Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 39Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 40Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 41Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 42Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 43Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 44Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 208 page
background image
41
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 18.
PLL Programming Flow
Clock Tree Architecture
The clock controller outputs several different clocks as shown in Figure 19:
•
a clock for the CPU core
•
a clock for the peripherals which is used to generate the timers, watchdog, SPI,
UART, and ports sampling clocks. This divided clock will be used to generate the
alternate card clock.
•
a clock for the USB
•
a clock for the SCIB controller
•
a clock for the DC/DC converter
These clocks are enabled or not depending on the power reduction mode as detailed in
Section “Power Management”, page 178.
These clocks are generated using four presacalers defined in the table below:
PLL
Programming
Configure Dividers
N3:0=
xxxxb
R3:0=
xxxxb
Enable PLL
PLLEN= 1
PLL Locked?
PLOCK= 1?
Prescaler
Register
Reload Factor
Function
PR1
CKRL
CKRL[0:3]
CPU & Peripheral clocks
PR2
SCICLK
SCICLK[0:5]
Smart card
PR3
SCSR
ALTKPS[0:1]
Alternate card
PR4
DCCKPS
DCCKPS[3:0]
DC/DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com