Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83R5122XXX-RDTUM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT83R5122XXX-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDTUM Datasheet(HTML) 1 Page - ATMEL Corporation

  AT83R5122XXX-RDTUM Datasheet HTML 1Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 2Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 3Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 4Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 5Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 6Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 7Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 8Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 208 page
background image
Rev. 4202F–SCR–07/2008
1
Features
• Clock Controller
– 80C51 core with 6 clocks per instruction
– 8 MHz On-Chip Oscillator
– PLL for generating clock to supply CPU core, USB and Smart Card Interfaces
– Programmable CPU clock from 500 KHz / X1 to 48 MHz / X1
• Reset Controller
– Power On Reset (POR) feature avoiding an external reset capacitor
– Power Fail Detector (PFD)
–Watch-Dog Timer
• Power Management
– Two power saving modes : Idle and Power Down
– Four Power Down Wake-up Sources : Smart Card Detection, Keyboard Interrupt, USB
Resume, External Interrupt
– Input Voltage Range : 3.0V - 5.5V
– Core’s Power Consumption (Without Smart Card and USB) :
•30 mA Maximum Operating Current @ 48 MHz / X1
•200
μA Maximum Power-down Current @ 5.5V
• Interrupt Controller
– up to 9 interrupt sources
– up to 4 Level Priority
• Memory Controller
– Internal Program memory :
•up to 32KB of Flash or CRAM or ROM for AT8xC5122 or ROM for AT83R5122
•up to 30KB of ROM for AT83C5123
– Internal Data Memory : 768 bytes including 256 bytes of data and 512 bytes of XRAM
– Optional : internal data E2PROM 512 bytes
• Two 16-bit Timer/Counters
• USB 2.0 Full Speed Interface
–48 MHz DPLL
– On-Chip 3.3V USB voltage regulator and transceivers
– Software detach feature
– 7 endpoints programmable with In or out directions and ISO, Bulk or Interrupt Transfers :
•Endpoint 0: 32 Bytes Bidirectionnal FIFO for Control transfers
•Endpoints 1,2,3: 8 bytes FIFO
•Endpoints 4,5: 64 Bytes FIFO
•Endpoint 6: 2*64 bytes FIFO with Pin-Pong feature
• ISO 7816 UART Interface Fully Compliant with EMV, GIE-CB and WHQL Standards
– Programmable ISO clock from 1 MHz to 4.8 MHz
– Card insertion/removal detection with automatic deactivation sequence
– Programmable Baud Rate Generator from 372 to 11.625 clock pulses
– Synchronous/Asynchronous Protocols T=0 and T=1 with Direct or Inverse Convention
– Automatic character repetition on parity errors
– 32 Bit Waiting Time Counter
– 16 Bit Guard Time Counter
– Internal Step Up/Down Converter with Programmable Voltage Output:
•VCC = 4.0V to 5.5V, 1.8V-30 mA, 3V-60 mA and 5V-60 mA
•VCC = 3.0V, 1.8V-30 mA, 3V-30 mA and 5V-30 mA
– Current overload protection
– 6 kV ESD (MIL/STD 833 Class 3) protection on whole Smart Card Interface
• Alternate Smart Card Interface with CLK, IO and RST
• UART Interface with Integrated Baud Rate Generator (BRG)
• Keyboard interface with up to 20x8 matrix management capability
• Master/Slave SPI Interface
• Four 8 bit Ports, one 6 bit port, one 3-bit port
– Up to Seven LED outputs with 3 level programmable current source : 2, 4 and 10 mA
– Two General Purpose I/O programmable as external interrupts
– Up to 8 input lines programmable as interrupts
– Up to 30 output lines
C51
Microcontroller
with USB and
Smart Card
Reader
Interfaces
AT83C5122
AT83R5122
AT85C5122
AT89C5122
AT89C5122DS
AT83C5123


Similar Part No. - AT83R5122XXX-RDTUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83R22OK ATMEL-AT83R22OK Datasheet
68Kb / 4P
CardMan Smart Key
AT83R22OKXXX-RDRUM ATMEL-AT83R22OKXXX-RDRUM Datasheet
68Kb / 4P
CardMan Smart Key
AT83R22OKXXX-RDTUM ATMEL-AT83R22OKXXX-RDTUM Datasheet
68Kb / 4P
CardMan Smart Key
AT83R22OK ATMEL-AT83R22OK_06 Datasheet
68Kb / 4P
CardMan Smart Key
More results

Similar Description - AT83R5122XXX-RDTUM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
USB smart card reader (OTP or ROM)
2003 Jul 04
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
USB Smart Card Reader Controller Technical Reference Manual
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
List of Unclassifed Man...
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
USB Smart Card Reader Controller
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
USB Smart Card Reader Controller
logo
Microchip Technology
SEC1110 MICROCHIP-SEC1110 Datasheet
2Mb / 218P
Smart Card Bridge to USB and UART Interfaces
06/23/16
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
USB Smart Card Reader
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
High performance USB smart card reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com