Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027ASP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB027ASP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027ASP Datasheet(HTML) 1 Page - STMicroelectronics

  VB027ASP Datasheet HTML 1Page - STMicroelectronics VB027ASP Datasheet HTML 2Page - STMicroelectronics VB027ASP Datasheet HTML 3Page - STMicroelectronics VB027ASP Datasheet HTML 4Page - STMicroelectronics VB027ASP Datasheet HTML 5Page - STMicroelectronics VB027ASP Datasheet HTML 6Page - STMicroelectronics VB027ASP Datasheet HTML 7Page - STMicroelectronics VB027ASP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VB027ASP
HIGH VOLTAGE IGNITION COIL DRIVER
POWER IC
®
June 1999
1
10
Power SO-10
TM
BLOCK DIAGRAM
TYPE
Vclamp
Icl
Il im
VB027ASP
345 V
9.5 A
160 mA
s
PRIMARY COIL VOLTAGE INTERNALLY SET
s
COIL CURRENT LIMIT INTERNALLY SET
s
LOGIC LEVEL COMPATIBLE INPUT
s
DRIVING CURRENT QUASI
PROPORTIONAL TO COLLECTOR
CURRENT
s
DOUBLE FLAG-ON COIL CURRENT
DESCRIPTION
The
VB027ASP is
a
high
voltage
power
integrated circuits made using STMicroelectronics
Vertical
Intelligent
Power
Technology,
with
vertical current flow power darlington and logic
level compatible driving circuits.
Built-in protection circuits for coil current limiting
and
collector
voltage
clamping
allows
the
VB027ASP to be used as a smart, high voltage,
high current interface in advanced electronic
ignition systems.
* Pins 1-5 = Power GND, Pin 6 signal GND. Pin 6 must be connected to pins 1-5 externally.
1/8


Similar Part No. - VB027ASP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027011Y STMICROELECTRONICS-VB027011Y Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027012Y STMICROELECTRONICS-VB027012Y Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
More results

Similar Description - VB027ASP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB024 STMICROELECTRONICS-VB024 Datasheet
110Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Sep-1993
VB025BSP STMICROELECTRONICS-VB025BSP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB025SP STMICROELECTRONICS-VB025SP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB026BSP STMICROELECTRONICS-VB026BSP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB026SP STMICROELECTRONICS-VB026SP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB125SP STMICROELECTRONICS-VB125SP Datasheet
78Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Sep-1997
VB922 STMICROELECTRONICS-VB922 Datasheet
67Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Oct-1998
VB923 STMICROELECTRONICS-VB923 Datasheet
58Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Oct-1998
VB927 STMICROELECTRONICS-VB927 Datasheet
37Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Jun-1998
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com