Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027ASP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VB027ASP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027ASP Datasheet(HTML) 3 Page - STMicroelectronics

  VB027ASP Datasheet HTML 1Page - STMicroelectronics VB027ASP Datasheet HTML 2Page - STMicroelectronics VB027ASP Datasheet HTML 3Page - STMicroelectronics VB027ASP Datasheet HTML 4Page - STMicroelectronics VB027ASP Datasheet HTML 5Page - STMicroelectronics VB027ASP Datasheet HTML 6Page - STMicroelectronics VB027ASP Datasheet HTML 7Page - STMicroelectronics VB027ASP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Vb = 13.5 V; Vd = 5 V; Tj =25
oC; Rcoil = 510 m
Ω;
Lcoil = 7 mH; unless otherwise specified)
Symb ol
Parameter
T est Co ndi ti ons
Min .
Typ .
Max.
Uni t
Vcl
High Voltage Clamp
-40
oC ≤ Tj ≤ 125 oCIcoil =7 A
300
400
V
Vcl
High Voltage Clamp
Icoil = 7 A
325
345
365
V
Vce(sat)
Saturation Voltage of
The Power Stage
Ic =7A;
Vin =4V
-40
oC ≤ Tj ≤ 125 oC
3V
Vce(sat)
Saturation Voltage of
The Power Stage
Ic =6 A;
Vin =4V
-40
oC ≤ Tj ≤ 125 oC
2V
Id(std by)
St and-by Supply Current
Vin =0.4
11
mA
Id(ugnd )
St and-by Supply
Current During
Underground
Vin =0.4 V
Ic =-4.5A
-40
oC ≤ Tj ≤ 125 oC
160
mA
Id(on)
Power On Supply
Current
Vin =4 V
Ic =6 A
-40
oC ≤ Tj ≤ 125 oC
130
mA
Id(on)
Power On Supply
Current
Vin =4 V
Ic =7 A
-40
oC ≤ Tj ≤ 125 oC
160
mA
Vd
Driver St age Supply
Voltage
4.5
5.5
V
Icl
Coil Current Limit
Vin =4 V
8.5
10
A
Icl(td)
Coil Current Limit Drift
With Temperat ure
See figure 3
Ile ak
Collector Leakage
Current
VC = 125V
100
µA
Vin H
High Level Input Voltage
4
5.5
V
Vin L
Low Level Input Voltage
0
0.8
V
Iin H
High Level Input Current
200
µA
Vdia gH
High Level Diagnostic
Output Voltage
REXT =15 K
Ω CEXT=1nF
(see fig. 1)
3.5
Vd
V
VdiagL
Low Level Diagnostic
Output Voltage
REXT =15 K
Ω CEXT=1nF
(see fig. 1)
0.5
V
IdiagTH1
Diagnostic Current First
Threshold
4.25
4.5
4.75
A
IdiagTD1
Diagnostic Current First
Threshold Drift With
Temperature
See figure 4
IdiagTH2
Diagnostic Current
Second Threshold
5.45
5.8
6.15
A
IdiagTD2
Diagnostic Current
Second Threshold Drift
With Temperat ure
See figure 5
IdiagH
Overt emperat ure
Diagnostic Current
22.6
3.2A
tdlc
Delay Time Coil Current
Ic =7 A
5
25
45
µs
tflc
Fall Time Coil Current
Ic =7 A
2
8
15
µs
Es/b
Inductive Energy
VCL =400 V
Ic =7A L = 8mH
300
mJ
Tin t
Temperature of
Diagnostic Shift
130
150
170
oC
Thys
Thermal Hysteresis
30
oC
VF
Forward Voltage of The
Body Diode
Ic = -10 A
1.2
2.2
3.2
V
VB027ASP
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com