Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027ASP Datasheet(PDF) 2 Page - STMicroelectronics

Part # VB027ASP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027ASP Datasheet(HTML) 2 Page - STMicroelectronics

  VB027ASP Datasheet HTML 1Page - STMicroelectronics VB027ASP Datasheet HTML 2Page - STMicroelectronics VB027ASP Datasheet HTML 3Page - STMicroelectronics VB027ASP Datasheet HTML 4Page - STMicroelectronics VB027ASP Datasheet HTML 5Page - STMicroelectronics VB027ASP Datasheet HTML 6Page - STMicroelectronics VB027ASP Datasheet HTML 7Page - STMicroelectronics VB027ASP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATING
Symb ol
Parameter
Value
Uni t
HVC
Collector Voltage
Int ernally Limited
V
IC
Collector Current
Int ernally Limited
A
Vd
Driving Stage Supply Voltage
7
V
Id
Driving Circuitry Supply Current
200
mA
Vin
Maximum Input Voltage
10
V
Tj
Operat ing Junction Temperature
-40 to 150
oC
Tstg
St orage Temperature Range
-55 to 150
oC
THERMAL DATA
Rthj-ca se
Thermal Resistance Junct ion Case(MAX)
1.12
oC/W
Rthj- amb
Thermal Resistance Junct ion Ambient(MAX)
62.5
oC/W
CONNECTION DIAGRAM
PIN FUNCTION
No
NAME
F UNCTION
1 - 5
GND
Emitt er Power G round
6 (*)
GND
Control G round
7
Vd
Supply Voltage F or T he Power Stage
TAB
HVC
Output t o The Primary Coil
9
I NPUT
10
DIAGNOST IC
Output of a Logic Signal W hen I c I s Greater T han 3 A
(*) PIN 6 must be connected to PINS 1 - 5 externally
VB027ASP
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com