Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB125 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB125
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB125 Datasheet(HTML) 1 Page - STMicroelectronics

  VB125 Datasheet HTML 1Page - STMicroelectronics VB125 Datasheet HTML 2Page - STMicroelectronics VB125 Datasheet HTML 3Page - STMicroelectronics VB125 Datasheet HTML 4Page - STMicroelectronics VB125 Datasheet HTML 5Page - STMicroelectronics VB125 Datasheet HTML 6Page - STMicroelectronics VB125 Datasheet HTML 7Page - STMicroelectronics VB125 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 1997
1/8
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
®
VB125SP
HIGH VOLTAGE IGNITION COIL DRIVER
POWER IC
s
PRIMARY COIL VOLTAGE INTERNALLY SET
s
COIL CURRENT LIMIT INTERNALLY SET
s
LOGIC LEVEL COMPATIBLE INPUT
s
BATTERY OPERATION
s
SINGLE FLAG-ON COIL CURRENT
s
TEMPERATURE
COMPENSATED
HIGH
VOLTAGE CLAMP
DESCRIPTION
The VB125SP is a high voltage power integrated
circuit
made
using
SGS-THOMSON
Microelectronics
Vertical
Intelligent
Power
Technology, with vertical current flow power
darlington and
logic level compatible driving
circuit.
The VB125SP can be directly biased by using the
12V battery voltage, thus avoiding to use a low
voltage regulator. It has built-in protection circuits
for coil current limiting and collector voltage
clamping. It is suitable as smart, high voltage, high
current interface in advanced electronic ignition
system.
TYPE
VCL
ICL
ICC
VB125SP
370 V
9 A
200 mA
DRIVER
VOLTAGE
GND (Power)
INPUT
FLAG
GND (Control)
THERMAL
FLAG
9
10
7
8
TAB
REFERENCE
PROTECTION
R
SENSE
6
CS
VCC
HVC
*
BLOCK DIAGRAM
1
10
PowerSO-10
1
TARGET DATA
(*) Pins 1...5


Similar Part No. - VB125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB125ASPTR-E STMICROELECTRONICS-VB125ASPTR-E Datasheet
385Kb / 17P
High voltage ignition coil driver power integrated circuit
13-May-2011
logo
France Joint
VB125X140X7 FRANCEJOINT-VB125X140X7 Datasheet
384Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - VB125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB024 STMICROELECTRONICS-VB024 Datasheet
110Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Sep-1993
VB025BSP STMICROELECTRONICS-VB025BSP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB025SP STMICROELECTRONICS-VB025SP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB026BSP STMICROELECTRONICS-VB026BSP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB026SP STMICROELECTRONICS-VB026SP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB027ASP STMICROELECTRONICS-VB027ASP Datasheet
66Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Jun-1999
VB922 STMICROELECTRONICS-VB922 Datasheet
67Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Oct-1998
VB923 STMICROELECTRONICS-VB923 Datasheet
58Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Oct-1998
VB927 STMICROELECTRONICS-VB927 Datasheet
37Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Jun-1998
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com