Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB125 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VB125
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB125 Datasheet(HTML) 6 Page - STMicroelectronics

  VB125 Datasheet HTML 1Page - STMicroelectronics VB125 Datasheet HTML 2Page - STMicroelectronics VB125 Datasheet HTML 3Page - STMicroelectronics VB125 Datasheet HTML 4Page - STMicroelectronics VB125 Datasheet HTML 5Page - STMicroelectronics VB125 Datasheet HTML 6Page - STMicroelectronics VB125 Datasheet HTML 7Page - STMicroelectronics VB125 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
VB125SP
FIGURE 5: Waveforms
FIGURE 7: Application Circuit
FIGURE 6: Flag Current Versus Temperature
1
INPUT
FLAG
IC
HVC
µP
CEXT
1nF
22K
CS
100nF
4.0
3.5
4.5
5.0
Iflag (A)
-50
0
50
100
Tcase (
oC)
6.5A
VB125SP
VCC
HVC
PWR
GND
GND
REXT
FLAG
INPUT
VBAT
4.5A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com