Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB125 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VB125
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB125 Datasheet(HTML) 2 Page - STMicroelectronics

  VB125 Datasheet HTML 1Page - STMicroelectronics VB125 Datasheet HTML 2Page - STMicroelectronics VB125 Datasheet HTML 3Page - STMicroelectronics VB125 Datasheet HTML 4Page - STMicroelectronics VB125 Datasheet HTML 5Page - STMicroelectronics VB125 Datasheet HTML 6Page - STMicroelectronics VB125 Datasheet HTML 7Page - STMicroelectronics VB125 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
VB125SP
ABSOLUTE MAXIMUM RATING
THERMAL DATA
CONNECTION DIAGRAM
PIN FUNCTION
Symbol
Parameter
Value
Unit
HVC
Collector Voltage (Internally Limited)
-0.3V to VCLAMP
V
IC
Collector Current (Internally Limited)
10
A
VCC
Driving Stage Supply Voltage
-0.2 to 40
V
ICC
Driving Circuitry Supply Current
400
mA
IS
Logic Circuitry Supply Ccurrent
100
mA
VIN
Input Voltage
-0.3 to 6
V
PTOT
Power Dissipation
TBD
W
VESD
ESD Voltage (HVC Pin)
-4 to 4
KV
VESD
ESD Voltage (Other Pin)
-2 to 2
KV
Tj
Operating Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
Rthj-case
Thermal Resistance Junction - Case
MAX
1.2
°C/W
Rthj-amb
Thermal Resistance Junction - Ambient
MAX
62.5
°C/W
No
Name
FUNCTION
1-5
GND
Emitter Power Ground
6VCC
Logic Supply Voltage
7
GND
Control Ground (*)
8CS
Logic Level Supply Voltage Filter Capacitor
9
INPUT
Logic Input Channel
10
FLAG
Diagnostic Output Signal
TAB
HVC
Primary Coil Output Driver
1
1
5
6
10
GND
GND
GND
GND
GND
GND
VCC
Cs
INPUT
FLAG
HVC
(*) Pin 6 must be connected to pins 1-5 externally



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com