Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA69 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA69
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA69 Datasheet(HTML) 1 Page - Cirrus Logic

  PA69 Datasheet HTML 1Page - Cirrus Logic PA69 Datasheet HTML 2Page - Cirrus Logic PA69 Datasheet HTML 3Page - Cirrus Logic PA69 Datasheet HTML 4Page - Cirrus Logic PA69 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690–8600 • FAX (520) 888–3329 • ORDERS (520) 690–8601 • EMAIL prodlit@apexmicrotech.com
1
TYPICAL APPLICATION
The PA69 is ideally suited to driving continuous drop ink jet
systems, in both piezo actuation and deflection applications.
Thedeflectionamplifiershownaboveachievesaccuratedroplet
displacement at high speeds to deposit crisp, clear lot code
information on product containers. The external compensation
networks have been optimized to match the gain of the circuit
and the complex impedance of the load. The combination of
high voltage and high speed allow repeatable low cost deflec-
tion of droplets for high production environments.
FEATURES
• A UNIQUE (Patent Pending) TECHNIQUE FOR VERY
LOW QUIESCENT CURRENT
• OVER 350 V/µS SLEW RATE
• WIDE SUPPLY VOLTAGE
• Single Supply: 20V to 200V
• Split Supplies: +/– 10V to +/– 100V
• OUTPUT CURRENT– 75mA cont. ; 100mA Pk
• UP TO 23 WATT DISSIPATION CAPABILITY
• OVER 200 kHz POWER BANDWIDTH
APPLICATIONS
• PIEZOELECTRIC POSITIONING AND ACTUATION
• ELECTROSTATIC DEFLECTION
• DEFORMABLE MIRROR ACTUATORS
• CHEMICAL AND BIOLOGICAL STIMULATORS
DESCRIPTION
The PA69 is a high voltage, high speed Precision IC power
op amp with performance and unique features not found previ-
ously in any commercially available OpAmp .
Novel input stage design of this amplifier provides extremely
high slew rates in pulse applications while maintaining low
quiescent current of under 1mA. This novel input stage also
has the effect of adding variables to the power response and
slew rate characteristics of the amplifier. To a lesser degree,
there are also input related effects on unity gain bandwidth
and phase. It is important to note that the slew rate is a strong
function of input voltage amplitude.
It should be noted that the
package tab needs to be connected to a stable reference
such as GND for high slew rates. Please refer to special
considerations section for details.
The output stages are well protected with user defined
current limit although the Safe Operating Area (SOA) must
be observed for reliable protection. Proper heatsinking is
required for maintaining maximum reliability. External phase
compensation provides the user with great flexibility in trading
gain, stability and bandwidth.
M I C R O T E C H N O L O G Y
PA69
12–PIN SIP
PACKAGE STYLE EU
LEAD FORM EW
BLOCK DIAGRAM


Similar Part No. - PA69

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA69 APEX-PA69 Datasheet
415Kb / 4P
POWER OPERATIONAL AMPLIFIER
PA69 CIRRUS-PA69 Datasheet
447Kb / 9P
Power Operational Amplifier
More results

Similar Description - PA69

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com