Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA305 Datasheet(PDF) 4 Page - Cirrus Logic

Part # SA305
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA305 Datasheet(HTML) 4 Page - Cirrus Logic

  SA305 Datasheet HTML 1Page - Cirrus Logic SA305 Datasheet HTML 2Page - Cirrus Logic SA305 Datasheet HTML 3Page - Cirrus Logic SA305 Datasheet HTML 4Page - Cirrus Logic SA305 Datasheet HTML 5Page - Cirrus Logic SA305 Datasheet HTML 6Page - Cirrus Logic SA305 Datasheet HTML 7Page - Cirrus Logic SA305 Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +Vs
60V
SUPPLY VOLTAGE, Vdd
5.5V
OUTPUT CURRENT, peak, 200ms
10A
POWER DISSIPATION, internal, DC
130W
TEMPERATURE, pin solder, 10s
225°C
TEMPERATURE, junction2
150°C
TEMPERATURE RANGE, storage
−55 to +125°C
OPERATING TEMPERATURE, case
−40 to +125°C
VOLTAGE AT CMOS INPUTS
-0.3 to +5.5V
NOTES: 1. Unless otherwise noted: T
C=25°C, power supply voltage is typical rating. (Vs = 50 V, Vdd = 5V).
2. Long term operation at the maximum junction temperature will result in reduced product life. De-rate internal power dissipation
to achieve high MTBF.
SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS
Logic Low Voltage
1
V
Logic High Voltage
1.8
V
Pulsewidth
200
nS
DIGITAL OUTPUTS
Source Current
0.4
mA
POWER SUPPLY
Vs
9.8
60
V
Vdd
4.5
5
5.5
V
Supply Current, Vs
10 KHz (One channel switching
8.5
35
mA
at 50% duty cycle), Vs=50V,
Vdd=5V
Supply Current, Vdd
10 KHz (One channel switching
4
6
mA
at 50% duty cycle), Vs=50V,
Vdd=5V
ANALOG
Current Sense Linearity
Iout = 1A to 5A
0.6
1.5
%
Current Sense Linearity
Iout = 100mA to 5A
5
%
OUTPUT
Output Current, continuous
5
A
Output Current, Peak
For 200ms
10
A
Turn on delay
183
nS
Turn off delay
240
nS
Switching time, on
47
nS
Switching time, off
52
nS
On resistance, PCHAN FET
5A Load (Room Temperature)
325
600
mΩ
On resistance, NCHAN FET
5A Load (Room Temperature)
250
600
mΩ
Short circuit turn off time
300
nS
Thermal Shutdown
155
160
165
°C
Thermal Warning
135
°C
Overcurrent Shutdown
10
12
A
THERMAL
RESISTANCE, junction to case
Full temperature range
0.95
°C/W
RESISTANCE, junction to air
Full temperature range
12.21
°C/W
TEMPERATURE RANGE, case
−40
125
°C
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SA305



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com