Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA305 Datasheet(PDF) 8 Page - Cirrus Logic

Part # SA305
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA305 Datasheet(HTML) 8 Page - Cirrus Logic

  SA305 Datasheet HTML 1Page - Cirrus Logic SA305 Datasheet HTML 2Page - Cirrus Logic SA305 Datasheet HTML 3Page - Cirrus Logic SA305 Datasheet HTML 4Page - Cirrus Logic SA305 Datasheet HTML 5Page - Cirrus Logic SA305 Datasheet HTML 6Page - Cirrus Logic SA305 Datasheet HTML 7Page - Cirrus Logic SA305 Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
8
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
SA305U REV D AUGUST 2007 © 2007 Apex Microtechnology Corp.
OPERATING
CONSIDERATIONS
SA305
The warning temperature setting is fixed at T
J = 135°C.
When the junction temperature gets to the programmed point,
the temperature warning bit will be set. It will be reset when
the temperature falls below 85°C.
The Fault temperature setting is fixed at T
J = 160°C. Once
the Fault temperature has been reached the Fault Output goes
high and the outputs of the device are latched off. This output
can be used as a microcontroller interrupt. The latch will not
be reset until the temperature is below 110°C.
If more than one output is required to be conducting large
currents at the same time, the maximum current will need to
be de-rated.
CURRENT SENSE LINEARITY CALCULATION
The current sense linearity is calculated using the method
described below:
a) Define straight line (y = mx + c) joining the two end data
points where, m is the slope and c is the offset or zero
crossover. Calculate the slope m and offset c using the
extreme data points. Assume Isense in the y axis and Iload
in the x axis.
b) Calculate linear Isense (or ideal Isense value, IS
IDEAL) using
the straight line equation derived in step (a) for the Iload
data points.
c) Determine deviation from linear Isense (step (b)) and actual
measured Isense value (IS
ACTUAL) as shown below:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com