Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA305 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA305
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA305 Datasheet(HTML) 1 Page - Cirrus Logic

  SA305 Datasheet HTML 1Page - Cirrus Logic SA305 Datasheet HTML 2Page - Cirrus Logic SA305 Datasheet HTML 3Page - Cirrus Logic SA305 Datasheet HTML 4Page - Cirrus Logic SA305 Datasheet HTML 5Page - Cirrus Logic SA305 Datasheet HTML 6Page - Cirrus Logic SA305 Datasheet HTML 7Page - Cirrus Logic SA305 Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• LOW COST 3 PHASE INTELLIGENT SWITCHING
AMPLIFIER
• 3 FULLY PROTECTED HALF BRIDGES
• UP TO 60V SUPPLY
• OUTPUT CURRENT - 5 AMPS (CONT) PER HALF BRIDGE
• NO “SHOOT THROUGH” CURRENT
APPLICATIONS
• 3 PHASE BRUSHLESS DC MOTORS
• 3 INDEPENDENT SOLENOID ACTUATORS
DESCRIPTION
The SA305 is an integrated, fully protected, 3 phase brush-
less DC motor driver IC. Three independent half bridges pro-
vide up to 5A of continuous (10A peak) output current under
microcontroller or DSP control.
Thermal, short circuit, shoot through, and over current
protection are included in this power device. Fault status
indication and current level monitors are provided directly to
the controller. The SA305 is built using a multi-technology
process allowing CMOS logic control and DMOS output power
devices on the same IC. Output current is measured using an
innovative low loss technique. The SIP package offers superior
thermal performance.
BLOCK DIAGRAM
23 PIN SIP
PACKAGE STYLE EX
M I C R O T E C H N O L O G Y
SA305
EXTERNAL CONNECTIONS


Similar Part No. - SA305

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA305 APEX-SA305 Datasheet
562Kb / 6P
PULSE WIDTH MODULATION AMPLIFIER
logo
Infinite Electronics In...
SA3056-03 FAIRVIEW-SA3056-03 Datasheet
214Kb / 2P
3 dB Fixed Attenuator MMCX Plug to MMCX Jack Up to 6 GHz Rated to 2 Watts, Brass Nickel Body, 1.2 VSWR
SA3056-06 FAIRVIEW-SA3056-06 Datasheet
214Kb / 2P
6 dB Fixed Attenuator MMCX Plug to MMCX Jack Up to 6 GHz Rated to 2 Watts, Brass Nickel Body, 1.2 VSWR
SA3056-10 FAIRVIEW-SA3056-10 Datasheet
214Kb / 2P
10 dB Fixed Attenuator MMCX Plug to MMCX Jack Up to 6 GHz Rated to 2 Watts, Brass Nickel Body, 1.2 VSWR
SA3056-20 FAIRVIEW-SA3056-20 Datasheet
214Kb / 2P
20 dB Fixed Attenuator MMCX Plug to MMCX Jack Up to 6 GHz Rated to 2 Watts, Brass Nickel Body, 1.2 VSWR
More results

Similar Description - SA305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
PULSE WIDTH MODULATION AMPLIFIER
logo
Cirrus Logic
MSA240 APEX-MSA240 Datasheet
305Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56 Datasheet
541Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305 Datasheet
562Kb / 6P
PULSE WIDTH MODULATION AMPLIFIER
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
MSA260 CIRRUS-MSA260 Datasheet
692Kb / 8P
Pulse Width Modulation Amplifier
SA01 APEX-SA01_07 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56_07 Datasheet
370Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA03 CIRRUS-SA03 Datasheet
210Kb / 5P
Pulse Width Modulation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com