Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5800DM Datasheet(PDF) 22 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 22 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 17Page - Micro Linear Corporation ML5800DM Datasheet HTML 18Page - Micro Linear Corporation ML5800DM Datasheet HTML 19Page - Micro Linear Corporation ML5800DM Datasheet HTML 20Page - Micro Linear Corporation ML5800DM Datasheet HTML 21Page - Micro Linear Corporation ML5800DM Datasheet HTML 22Page - Micro Linear Corporation ML5800DM Datasheet HTML 23Page - Micro Linear Corporation ML5800DM Datasheet HTML 24Page - Micro Linear Corporation ML5800DM Datasheet HTML 25Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
ML5800
DS5800-F-04
FINAL DATASHEET
JULY 2006
22
REGISTER 2 BIT DESCRIPTIONS
DATA BIT
NAME
DESCRIPTION
USE
B15 (MSB) / DB13
TMODE
B14 / DB12
CFB6
B13 / DB11
CFB5
B12 / DB10
CFB4
B11 / DB9
CFB3
B10 / DB8
CFB2
B9 / DB7
CFB1
B8 / DB6
CFB0
Filter Alignment Control Bits
See Table 21
B7 / DB5
DTM2
B6 / DB4
DTM1
B5 / DB3
DTM0
Digital Test Control Bits
See Table 20
B4 / DB2
ATM2
B3 / DB1
ATM 1
B2 / DB0
ATM 0
Analog Test Control Bits
See Table 19
B1 / ADB1
ADR1
MSB Address Bit
ADR1 = 1
B0 (LSB) / ADB0
ADR0
LSB Address Bit
ADR0 = 0
Table 18: Register 2 – Test Mode Access Register
ATM<2:0>
Analog Test Control Bits:
The performance of the ML5800 is not specified in these test modes. Although primarily
intended for IC test and debug, they also can help in debugging the radio system. The default (power-up) state of these
bits is ATM<2:0> = <0,0,0>. When a non-zero value is written to the field, the RSSI and AOUT_TPC pins become
analog test access ports, giving access to the outputs of key signal processing stages in the transceiver. During normal
operation, the ATM field must be set to zero (see Table 19).
ATM2
ATM1
ATM0
RSSI
AOUT
0
0
0
RSSI
Set by AOUT bit
0
0
1
Data Filter input +
Data Filter input -
0
1
0
I IF Filter Output
Q IF Filter Output
0
1
1
Q IF Filter – Input
Q IF Filter + Input
1
0
0
I IF Filter – Input
I IF Filter + Input
1
0
1
Data Filter + Output
Data Filter –Output
1
1
0
I IF Limiter Output
Q IF Limiter Output
1
1
1
1.67V Voltage Reference
VCO Modulation Port Input
Table 19: Analog Test Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com