Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5800DM Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML5800DM Datasheet HTML 1Page - Micro Linear Corporation ML5800DM Datasheet HTML 2Page - Micro Linear Corporation ML5800DM Datasheet HTML 3Page - Micro Linear Corporation ML5800DM Datasheet HTML 4Page - Micro Linear Corporation ML5800DM Datasheet HTML 5Page - Micro Linear Corporation ML5800DM Datasheet HTML 6Page - Micro Linear Corporation ML5800DM Datasheet HTML 7Page - Micro Linear Corporation ML5800DM Datasheet HTML 8Page - Micro Linear Corporation ML5800DM Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ML5800
DS5800-F-04
FINAL DATASHEET
JULY 2006
5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMITTER
Zout S22
Output Impedance
at TXO
22.5+j3
Ω
Matched into 50ohms, 25C and 3.3V
-4
0
3
POUT
TX buffer output power at 5.8GHz
Matched into 50ohms, over operating
temperature and voltage range
-7
0
3
dBm
fDEV
Transmit Modulation Deviation
TXO pin See Figure 6
±512
kHz
BWTX
TX Data Filter 3dB Bandwidth
1.4
MHz
PSPUR
TX spurious
-25
dBc
PIMAGE
TX Image
2/3 FTXO, 1/3 FTXO
-20
dBc
INTERFACE LOGIC LEVELS
Input pins (DIN, XCEN, RXON, DATA, CLK, EN)
VIH
Input high voltage
VDD*0.7
VDD+0.4
V
VIL
Input low voltage
-0.4
VDD*0.3
V
IB
Input bias current
All states
-5
5
μA
CIN
Input capacitance
1MHz test frequency
4
pF
Output pins (AOUT_TPC, PAON, DOUT)
VOL
AOUT open-drain voltage
IO=100μA, TPC Mode
0.4
V
VOH
PAON (PA control) output high voltage
Sourcing 5.0mA
VDD-0.4
V
VOL
PAON (PA control) output low voltage
Sinking 5.0mA
0.4
V
Io
PAON source/sink current
±5.0
±8.0
mA
VOH
DOUT (data output) output high voltage
Sourcing 0.1mA
VDD–0.4
V
VOL
DOUT (data output) output low voltage
Sinking 0.1mA
0.4
V
3 WIRE SERIAL BUS TIMING
tr
CLK input rise time (note 1)
15
ns
tf
CLK input fall time (note 1)
15
ns
tck
CLK period
50
ns
tew
EN pulse width
200
ns
tl
Delay from last clock rising edge to rise
of EN
15
ns
tse
EN setup time to ignore next rising CLK
15
ns
ts
DATA-to-CLK setup time
15
ns
th
DATA-to-CLK hold time
See Figure 5
15
ns
Note 1: Serial I/O clock maximum rise and fall times are based on the minimum clock period. Longer rise and fall times
can be accommodated for slower clocks provided the rise and fall times remain less than 20% of the clock period and
all set up and hold time minimums are met with respect to the CMOS switching points (VIL MAX and VIH MIN). The
serial I/O clock rise and fall times are limited to an absolute maximum of 100ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com