Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5800DM Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 6Page - Micro Linear Corporation ML5800DM Datasheet HTML 7Page - Micro Linear Corporation ML5800DM Datasheet HTML 8Page - Micro Linear Corporation ML5800DM Datasheet HTML 9Page - Micro Linear Corporation ML5800DM Datasheet HTML 10Page - Micro Linear Corporation ML5800DM Datasheet HTML 11Page - Micro Linear Corporation ML5800DM Datasheet HTML 12Page - Micro Linear Corporation ML5800DM Datasheet HTML 13Page - Micro Linear Corporation ML5800DM Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ML5800
DS5800-F-04
FINAL DATASHEET
JULY 2006
10
28
RSSI
O (Analog)
Buffered analog RSSI output with a nominal
sensitivity of 35mV/dB.
24
VSS
VCCA
100
Ω
28 RSSI
8
TPI
MUX
RSSI
MUX
RSSI
OP
AMP
SERIAL BUS SIGNALS
4
EN
I (CMOS)
Control Bus Enable. Enable pin for the three-
wire serial control bus that sets the operating
frequency and programmable options. The
control registers are loaded on a low-to-high
transition of the signal. Serial control bus data
is ignored when this signal is high. This is a
CMOS input, and the thresholds are
referenced to VDD and VSS.
5
DATA
I (CMOS)
Serial Control Bus Data. 16-bit words, which
include programming data and the two-bit
address of a control register. This is a CMOS
input, and the thresholds are referenced to
VDD and VSS.
6
CLK
I (CMOS)
Serial control bus data is clocked in on the
rising edge when EN is low. This is a CMOS
input; the thresholds are referenced to VDD
and VSS.
31
VSS
VDD
5.5k
4
EN
8
1.7p
5
DATA
6
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com