Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5805DM Datasheet(PDF) 16 Page - RF Micro Devices

Part # ML5805DM
Description  5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ML5805DM Datasheet(HTML) 16 Page - RF Micro Devices

Back Button ML5805DM Datasheet HTML 12Page - RF Micro Devices ML5805DM Datasheet HTML 13Page - RF Micro Devices ML5805DM Datasheet HTML 14Page - RF Micro Devices ML5805DM Datasheet HTML 15Page - RF Micro Devices ML5805DM Datasheet HTML 16Page - RF Micro Devices ML5805DM Datasheet HTML 17Page - RF Micro Devices ML5805DM Datasheet HTML 18Page - RF Micro Devices ML5805DM Datasheet HTML 19Page - RF Micro Devices ML5805DM Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ML5805
RF MICRO DEVICES®, RFMD®, OPTIMUM TECHNOLOGY MATCHING®, ENABLING WIRELESS CONNECTIVITY™, POWERSTAR®, POLARIS™ TOTAL RADIO™ ULTIMATEBLUE™ AND FASTWAVE™ ARE TRADEMARKS OF RFMD, LLC. BLUETOOTH IS A TRADEMARK OWNED BY
BLUETOOTH SIG, INC., U.S.A. AND LICENSED FOR USE BY RFMD. ALL OTHER TRADE NAMES, TRADEMARKS AND REGISTERED TRADEMARKS ARE THE PROPERTY OF THEIR RESPECTIVE OWNERS. ©2006, RF MICRO DEVICES, INC.
PRELIMINARY DATA SHEET
APRIL 2008
EDS-106041 REV P01
7628 THORNDIKE ROAD, GREENSBORO, NC 27409-9421 · FOR SALES OR TECHNICAL
REV A1 DS071026 SUPPORT, CONTACT RFMD AT (+1) 336-678-5570 OR SALES-SUPPORT@RFMD.COM
16
Table 2 shows the minimum time required between control interface transitions.
SYMBOL
PARAMETER
WORST
CASE
TIMING
UNITS
tWAKE
Time from XCEN asserted to valid RECEIVE data out
325
μsec
NOIVCOC = 0
110
tFH
Time from rising edge of Serial Bus EN to valid RECEIVE data out (channel
scan mode, one channel hop, PLL re-locking triggered by rising EN).
NOIVCOC = 1
55
μsec
NOIVCOC = 0
90
tTX2RX
Time from rising edge of RXON to valid RECEIVE data out
NOIVCOC = 1
80
μsec
tRX2TX
Time from falling edge on RXON to start of valid data on DIN pin. Some RF energy will be present on TXO
during this period but PAON will be unasserted
70
μsec
tTXONA
For the case where PAFIRST = 0: tTXONA defines the time between falling edge of RXON and rising edge of
RF output power
For the case where PAFIRST = 1: tTXONA defines the time between falling edge of RXON and rising edge of
SW_CTRL_P
tTXONA = 44μS + TTXONA * 8 /
f ref where TTXONA is an integer with range from 0 to 63
44 to 85
μsec
tTXONB
For the case where PAFIRST = 0: tTXONB defines the time between rising edge of SW_CTRL_P and rising
edge of RF output power
For the case where PAFIRST = 1: tTXONB defines the time between rising edge of RF output power and rising
edge of SW_CTRL_P
tTXONB = 4.2μS + TTXONB * 8 /
f ref where TTXONB is an integer with range from 0 to 31
4.2 to 24.2
μsec
tTXOFF
Time between falling edge of RF output power and falling edge of SW_CTRL_P signal
tTXOFF = 3.5μS + TTXOFF * 40 /
f ref where TTXOFF is an integer with range from 0 to 3
3.5 to 13.5
μsec
Table 2: Transceiver Control Interface Timing (using default register values)
Channel Scan Timing in Receive Mode
To implement channel scanning, the ML5805 is kept in RECEIVE mode (XCEN and RXON high) and the PLL is
reprogrammed to select a different RF channel. A VCO and filter calibration cycle is initiated periodically after the serial
bus writes to the register controlling the PLL. Any serial bus writes to the other registers (while XCEN = VIL (0)) will
trigger a complete calibration cycle. Non-PLL register writes (R0 to R4) are only performed when XCEN = VIL (0).
Otherwise, unstable operation will occur. Signal diagram for channel scanning is shown in Figure 3.
XCEN
DOUT
Valid RX Data
Valid RX Data
EN (Write to PLL
tuning register)
tWAKE
tFH
Figure 3: Control Timing when Channel Scanning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com