Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5805DM Datasheet(PDF) 25 Page - RF Micro Devices

Part # ML5805DM
Description  5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ML5805DM Datasheet(HTML) 25 Page - RF Micro Devices

Back Button ML5805DM Datasheet HTML 21Page - RF Micro Devices ML5805DM Datasheet HTML 22Page - RF Micro Devices ML5805DM Datasheet HTML 23Page - RF Micro Devices ML5805DM Datasheet HTML 24Page - RF Micro Devices ML5805DM Datasheet HTML 25Page - RF Micro Devices ML5805DM Datasheet HTML 26Page - RF Micro Devices ML5805DM Datasheet HTML 27Page - RF Micro Devices ML5805DM Datasheet HTML 28Page - RF Micro Devices ML5805DM Datasheet HTML 29Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ML5805
RF MICRO DEVICES®, RFMD®, OPTIMUM TECHNOLOGY MATCHING®, ENABLING WIRELESS CONNECTIVITY™, POWERSTAR®, POLARIS™ TOTAL RADIO™ ULTIMATEBLUE™ AND FASTWAVE™ ARE TRADEMARKS OF RFMD, LLC. BLUETOOTH IS A TRADEMARK OWNED BY
BLUETOOTH SIG, INC., U.S.A. AND LICENSED FOR USE BY RFMD. ALL OTHER TRADE NAMES, TRADEMARKS AND REGISTERED TRADEMARKS ARE THE PROPERTY OF THEIR RESPECTIVE OWNERS. ©2006, RF MICRO DEVICES, INC.
PRELIMINARY DATA SHEET
APRIL 2008
EDS-106041 REV P01
7628 THORNDIKE ROAD, GREENSBORO, NC 27409-9421 · FOR SALES OR TECHNICAL
REV A1 DS071026 SUPPORT, CONTACT RFMD AT (+1) 336-678-5570 OR SALES-SUPPORT@RFMD.COM
25
REGISTER 2
Bit
Variable
Default
Definition
15:14
RESERVED
1
RESERVED
13
AOUTEN
0
1: use the analog output
0: use the digital output
12:8
TTXONB
0
PA on to T/R switch delay (see Table 2)
7:6
TTXOFF
2
PA off to T/R switch delay (see Table 2)
5:0
TTXONA
0
RX to TX delay time (see Table 2)
REGISTER 3
Bit
Variable
Default Definition
15:12
RESERVED
0
RESERVED
11:8
RESERVED
0
RESERVED
7:4
DIVBASEOFFS
8
Offset to integer portion of PLL programming
3:2
RESERVED
1
RESERVED
1:0
RESERVED
2
RESERVED
REGISTER 4
Bit
Variable
Power-on
Default
Rate
Variable
Definition
15:8
MDCALV
0x38
0x45
0x5D
0x60
0x50
0x00
0x00
0x00
0
1
2
3
4
5
6
7
Frequency Modulation Deviation value. Small adjustments to
MDCALV will tune the modulation spectrum.
Note: At power-on, the MDCALV default value corresponding
to the RATE variable of Register0 is written to this register.
Factory optimized values for MDCALV are shown in Table 6.
7:0
RESERVED
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com