Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5805DM Datasheet(PDF) 23 Page - RF Micro Devices

Part # ML5805DM
Description  5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ML5805DM Datasheet(HTML) 23 Page - RF Micro Devices

Back Button ML5805DM Datasheet HTML 19Page - RF Micro Devices ML5805DM Datasheet HTML 20Page - RF Micro Devices ML5805DM Datasheet HTML 21Page - RF Micro Devices ML5805DM Datasheet HTML 22Page - RF Micro Devices ML5805DM Datasheet HTML 23Page - RF Micro Devices ML5805DM Datasheet HTML 24Page - RF Micro Devices ML5805DM Datasheet HTML 25Page - RF Micro Devices ML5805DM Datasheet HTML 26Page - RF Micro Devices ML5805DM Datasheet HTML 27Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ML5805
RF MICRO DEVICES®, RFMD®, OPTIMUM TECHNOLOGY MATCHING®, ENABLING WIRELESS CONNECTIVITY™, POWERSTAR®, POLARIS™ TOTAL RADIO™ ULTIMATEBLUE™ AND FASTWAVE™ ARE TRADEMARKS OF RFMD, LLC. BLUETOOTH IS A TRADEMARK OWNED BY
BLUETOOTH SIG, INC., U.S.A. AND LICENSED FOR USE BY RFMD. ALL OTHER TRADE NAMES, TRADEMARKS AND REGISTERED TRADEMARKS ARE THE PROPERTY OF THEIR RESPECTIVE OWNERS. ©2006, RF MICRO DEVICES, INC.
PRELIMINARY DATA SHEET
APRIL 2008
EDS-106041 REV P01
7628 THORNDIKE ROAD, GREENSBORO, NC 27409-9421 · FOR SALES OR TECHNICAL
REV A1 DS071026 SUPPORT, CONTACT RFMD AT (+1) 336-678-5570 OR SALES-SUPPORT@RFMD.COM
23
REGISTER 0
Register 0 is a special register because some of the hardware is controlled directly from this register. Since those
specific bits are connected physically to active hardware, they must always be written first after power on. If Register 0
is not initialized first by the base band hardware, the ML5805 will not operate correctly.
Bit
Variable
Default Definition
15:13
TCMOD
0
Selects one of eight possible data slicer time constant combinations.
Value
Definition
0
Forces 300
μs
1
Forces 6
μs
2
Forces 3
μs
3
Forces 2
μs
4
External selection between 300
μs and 6μs
5
External selection between 300
μs and 3μs
6
Use Unique Word Detect mode and forces 6
μs
7
Use Unique Word Detect mode and forces 3
μs
12:10
RATE
0
Selects one of eight possible bit rate combinations. Selected bit rates are
dependent on external crystal frequency supplied
Value
Definition
0
576kbps (@13.824MHz)
1
1,152kbps (@13.824MHz)
2
1,536kbps (@12.288MHz)
3
1,755kbps (@12.288MHz)
4
2,048kbps (@12.288MHz)
5
Not defined.
6
Not defined.
7
Not defined.
9
UWDPOL
0
1: invert the default DECT Unique Word (UWD) pattern
0: use the default DECT Unique Word (UWD) pattern
8
PLLULACT
1
Value
Definition
0
PA will always turn on
1
If the PLL does not lock, the PA does not turn on
7
(spare)
0
Spare bit
6
RESERVED
0
RESERVED
5:4
RESERVED
0
RESERVED
3:0
RESERVED
0xE
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com