Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT18F080 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT18F080
Description  FPGA Configuration Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT18F080 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT18F080 Datasheet HTML 3Page - ATMEL Corporation AT18F080 Datasheet HTML 4Page - ATMEL Corporation AT18F080 Datasheet HTML 5Page - ATMEL Corporation AT18F080 Datasheet HTML 6Page - ATMEL Corporation AT18F080 Datasheet HTML 7Page - ATMEL Corporation AT18F080 Datasheet HTML 8Page - ATMEL Corporation AT18F080 Datasheet HTML 9Page - ATMEL Corporation AT18F080 Datasheet HTML 10Page - ATMEL Corporation AT18F080 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
3672A–CNFG–1/08
AT18F010/002/040/080 [Preliminary]
6.6
CEO
Chip Enable Output for configuration download. This output goes Low when the internal address
counter of the device has reached its maximum value which signals that all configuration data is
being clocked out of the device. In a daisy chain of AT18F Series devices, the CEO pin of one
device must be connected to the CE input of the next device in the chain. It will stay Low as long
as CE is Low and OE is High. It will then follow CE until OE goes Low; thereafter, CEO will stay
High until the entire memory device is read again.
6.7
TMS
JTAG Mode Control Input. The state of TMS with the rising edge of TCK determines the state
transitions of the Test Access Port (TAP) controller. TMS has an internal 50 K
Ω weak pull-up to
V
CCJ to provide a logic 1 to the device.
6.8
TCK
JTAG Clock Input. This pin is the JTAG clock input to the TAP controller of the device.
6.9
TDI
JTAG Serial Data Input. This pin is the serial input to all JTAG instructions and data registers. An
internal 50 K
Ω weak pull-up to V
CCJ provides a logic 1 to the device.
6.10
TDO
JTAG Serial Data Output. This pin is the serial output to all JTAG instruction and data registers.
An internal 50 K
Ω weak pull-up to V
CCJ provides a logic 1 to the device if the pin is not driven.
6.11
VCCINT
+3.3V supply voltage for internal logic.
6.12
NC
No Connect Pin. This pin is not connected to any internal logic of the device and can be left
floating.
6.13
VCCO
Supply voltage for I/O drivers (1.8V, 3.3V, or 3.3V).
6.14
VCCJ
Supply voltage for JTAG I/O drivers (1.8V, 3.3V, or 3.3V).
6.15
GND
Power supply ground.
7.
Standby Mode
The AT18F Series Configurators enter a low-power standby mode whenever the JTAG mode is
inactive and CE is asserted High. In this mode, the AT18F Configurator consumes less than 1
mA of current at 3.3V. The output remains in a high-impedance state regardless of the state of
the OE input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com