Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT18F080 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT18F080
Description  FPGA Configuration Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT18F080 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT18F080 Datasheet HTML 6Page - ATMEL Corporation AT18F080 Datasheet HTML 7Page - ATMEL Corporation AT18F080 Datasheet HTML 8Page - ATMEL Corporation AT18F080 Datasheet HTML 9Page - ATMEL Corporation AT18F080 Datasheet HTML 10Page - ATMEL Corporation AT18F080 Datasheet HTML 11Page - ATMEL Corporation AT18F080 Datasheet HTML 12Page - ATMEL Corporation AT18F080 Datasheet HTML 13Page - ATMEL Corporation AT18F080 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
3672A–CNFG–1/08
AT18F010/002/040/080 [Preliminary]
11. DC Characteristics
Symbol
Description
Condition
Min
Typ
Max
Units
I
CCINT
Internal Voltage Supply Current, Active Mode
33 MHz
10
mA
ICCIO
I/O Drive Supply Current, Active Mode
33 MHz
10
mA
I
CCJ
JTAG Supply Current, Active Mode
5
mA
I
CCINTS
Internal Voltage Supply Current, Standby Mode
VCCINT = 3.6V,
VCIO = 3.6V
1mA
ICCIOS
Output Drive Supply Current, Standby Mode
V
CCINT = 3.6V,
VCIO = 3.6V
1mA
ICCJS
JTAG Supply Current, Standby Mode
VCCINT = 3.6V,
V
CIO = 3.6V
1mA
IIL
Input or I/O Low Leakage
1
10
µA
IIH
Input or I/O High Leakage
-10
10
10
µA
VOL
Output Low Voltage
3.3V Operation
0.4
V
2.5V Operation
0.4
1.8V Operation
0.45
VOH
Output High Voltage
3.3V Operation
V
CCO - 0.4
V
2.5V Operation
VCCO - 0.4
1.8V Operation
VCCO - 0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com