Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT18F080 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT18F080
Description  FPGA Configuration Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT18F080 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT18F080 Datasheet HTML 5Page - ATMEL Corporation AT18F080 Datasheet HTML 6Page - ATMEL Corporation AT18F080 Datasheet HTML 7Page - ATMEL Corporation AT18F080 Datasheet HTML 8Page - ATMEL Corporation AT18F080 Datasheet HTML 9Page - ATMEL Corporation AT18F080 Datasheet HTML 10Page - ATMEL Corporation AT18F080 Datasheet HTML 11Page - ATMEL Corporation AT18F080 Datasheet HTML 12Page - ATMEL Corporation AT18F080 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
3672A–CNFG–1/08
AT18F010/002/040/080 [Preliminary]
9.
Absolute Maximum Ratings*
Operating Temperature................................. -55
° C to +125° C
*NOTICE:
Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those listed under oper-
ating conditions is not implied. Exposure to Abso-
lute Maximum Rating conditions for extended
periods of time may affect device reliability.
Storage Temperature .................................... -65
° C to +150° C
Voltage on Any Pin
with Respect to Ground ..............................-0.1V to V
CC +0.5V
Supply Voltage (V
CC) .........................................-0.5V to +3.6V
Maximum Soldering Temp. (10 sec. @ 1/16 in.)............ 260
° C
ESD (R
ZAP = 1.5K, CZAP = 100 pF)................................. 2000V
10. Operating Conditions
T
AI = -40° C to +85° C for Industrial and 0° C to +70° C for Commercial
Symbol
Description
Min
Typ
Max
Units
VCCINT
Supply Voltage for Internal Logic
3.0
3.3
3.6
V
V
CCO
Supply Voltage for I/O Drivers
3.3V Operation
3.0
3.3
3.6
V
2.5V Operation
2.3
2.5
2.7
1.8V Operation
1.7
1.8
1.9
V
CCJ
Supply Voltage for JTAG I/O Drivers
3.3V Operation
3.0
3.3
3.6
V
2.5V Operation
2.3
2.5
2.7
1.8V Operation
1.7
1.8
1.9
V
IL
Input Low Voltage
3.3V Operation
-0.3
0.8
V
2.5V Operation
-0.3
0.7
1.8V Operation
-0.3
0.35 x VCCO
V
IH
Input High Voltage
3.3V Operation
2.0
3.9
V
2.5V Operation
1.7
3.9
1.8V Operation
0.65 x VCCO
3.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com