Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VIPER12
Description  LOW POWER OFF LINE SMPS PRIMARY SWITCHER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12 Datasheet(HTML) 2 Page - STMicroelectronics

  VIPER12 Datasheet HTML 1Page - STMicroelectronics VIPER12 Datasheet HTML 2Page - STMicroelectronics VIPER12 Datasheet HTML 3Page - STMicroelectronics VIPER12 Datasheet HTML 4Page - STMicroelectronics VIPER12 Datasheet HTML 5Page - STMicroelectronics VIPER12 Datasheet HTML 6Page - STMicroelectronics VIPER12 Datasheet HTML 7Page - STMicroelectronics VIPER12 Datasheet HTML 8Page - STMicroelectronics VIPER12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VIPer12ADIP / VIPer12AS
2/15
PIN FUNCTION
CURRENT AND VOLTAGE CONVENTIONS
CONNECTION DIAGRAM
Name
Function
VDD
Power supply of the control circuits. Also provides a charging current during start up thanks to a high
voltage current source connected to the drain. For this purpose, an hysteresis comparator monitors the
VDD voltage and provides two thresholds:
- VDDon: Voltage value (typically 14.5V) at which the device starts switching and turns off the start up
current source.
- VDDoff: Voltage value (typically 8V) at which the device stops switching and turns on the start up current
source.
SOURCE
Power MOSFET source and circuit ground reference.
DRAIN
Power MOSFET drain. Also used by the internal high voltage current source during start up phase for
charging the external VDD capacitor.
FB
Feedback input. The useful voltage range extends from 0V to 1V, and defines the peak drain MOSFET
current. The current limitation, which corresponds to the maximum drain current, is obtained for a FB pin
shorted to the SOURCE pin.
I
DD
I
D
I
FB
V
DD
V
FB
V
D
FB
VDD
DRAIN
SOURCE
CONTROL
VIPer12A
1
2
3
4
DRAIN
DRAIN
DRAIN
DRAIN
8
7
6
5
DRAIN
DRAIN
DRAIN
DRAIN
1
2
3
4
8
7
6
5
FB
VDD
SOURCE
FB
VDD
SOURCE
SOURCE
SOURCE
SO-8
DIP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com