Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER12
Description  LOW POWER OFF LINE SMPS PRIMARY SWITCHER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12 Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER12 Datasheet HTML 1Page - STMicroelectronics VIPER12 Datasheet HTML 2Page - STMicroelectronics VIPER12 Datasheet HTML 3Page - STMicroelectronics VIPER12 Datasheet HTML 4Page - STMicroelectronics VIPER12 Datasheet HTML 5Page - STMicroelectronics VIPER12 Datasheet HTML 6Page - STMicroelectronics VIPER12 Datasheet HTML 7Page - STMicroelectronics VIPER12 Datasheet HTML 8Page - STMicroelectronics VIPER12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2002
1/15
VIPer12ADIP
VIPer12AS
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
®
TYPICAL POWER CAPABILITY
n FIXED 60 KHZ SWITCHING FREQUENCY
n 9V TO 38V WIDE RANGE VDD VOLTAGE
n CURRENT MODE CONTROL
n AUXILIARY UNDERVOLTAGE LOCKOUT
WITH HYSTERESIS
n HIGH VOLTAGE START UP CURRENT
SOURCE
n OVERTEMPERATURE, OVERCURRENT AND
OVERVOLTAGE PROTECTION WITH
AUTORESTART
DESCRIPTION
The VIPer12A combines a dedicated current mode
PWM controller with a high voltage Power
MOSFET on the same silicon chip. Typical
applications cover off line power supplies for
battery charger adapters, standby power supplies
for TV or monitors, auxiliary supplies for motor
control, etc. The internal control circuit offers the
following benefits:
– Large input voltage range on the VDD pin
accommodates changes in auxiliary supply
voltage. This feature is well adapted to battery
charger adapter configurations.
– Automatic burst mode in low load condition.
– Overvoltage protection in hiccup mode.
Mains type
SO-8
DIP8
European
(195 - 265 Vac)
8 W
13 W
US / Wide range
(85 - 265 Vac)
5 W
8 W
ORDER CODES
PACKAGE
TUBE
T&R
SO-8
VIPer12AS
VIPer12AS
13TR
DIP-8
VIPer12ADIP
SO-8
DIP-8
BLOCK DIAGRAM
ON/OFF
0.23 V
DRAIN
SOURCE
VDD
PWM
LATCH
60kHz
OSCILLATOR
BLANKING
+
_
8/14.5V
_
+
FF
S
R1
R4
Q
R3
FB
REGULATOR
INTERNAL
SUPPLY
OVERVOLTAGE
LATCH
OVERTEMP.
DETECTOR
1 k
Ω
42V
_
+
R2
FF
S
R
Q
230
Ω


Similar Part No. - VIPER12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER122 STMICROELECTRONICS-VIPER122 Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
logo
Guangdong Kexin Industr...
VIPER12A KEXIN-VIPER12A Datasheet
342Kb / 6P
Low Power Off Line SMPS Primary Switcher
logo
STMicroelectronics
VIPER12A STMICROELECTRONICS-VIPER12A Datasheet
1Mb / 11P
A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A
Apr-2002
VIPER12A-E STMICROELECTRONICS-VIPER12A-E Datasheet
528Kb / 21P
Low power offline switched-mode power supply primary switcher
13-Dec-2010
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
More results

Similar Description - VIPER12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER22ADIP STMICROELECTRONICS-VIPER22ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
logo
Sanken electric
STR-A6100 SANKEN-STR-A6100 Datasheet
139Kb / 2P
LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
VIPER22ADIP-E STMICROELECTRONICS-VIPER22ADIP-E Datasheet
304Kb / 20P
Low Power OFF-Line SMPS Primary Switcher
09-Feb-2006
VIPER22-LED-EV STMICROELECTRONICS-VIPER22-LED-EV Datasheet
392Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
logo
Orister Corporation
RS2012S ORISTER-RS2012S Datasheet
463Kb / 7P
Low Power OFF-Line SMPS Primary Switcher
RS2022P ORISTER-RS2022P Datasheet
455Kb / 7P
Low Power OFF-Line SMPS Primary Switcher
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
STMicroelectronics
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
logo
Guangdong Kexin Industr...
VIPER12A KEXIN-VIPER12A Datasheet
342Kb / 6P
Low Power Off Line SMPS Primary Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com