Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VIPER12
Description  LOW POWER OFF LINE SMPS PRIMARY SWITCHER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12 Datasheet(HTML) 3 Page - STMicroelectronics

  VIPER12 Datasheet HTML 1Page - STMicroelectronics VIPER12 Datasheet HTML 2Page - STMicroelectronics VIPER12 Datasheet HTML 3Page - STMicroelectronics VIPER12 Datasheet HTML 4Page - STMicroelectronics VIPER12 Datasheet HTML 5Page - STMicroelectronics VIPER12 Datasheet HTML 6Page - STMicroelectronics VIPER12 Datasheet HTML 7Page - STMicroelectronics VIPER12 Datasheet HTML 8Page - STMicroelectronics VIPER12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
VIPer12ADIP / VIPer12AS
3/15
ABSOLUTE MAXIMUM RATINGS
Note: 1. This parameter applies when the start up current source is off. This is the case when the VDD voltage has reached VDDon and
remains above VDDoff.
2. This parameter applies when the start up current source is on. This is the case when the VDD voltage has not yet reached VDDon
or has fallen below VDDoff.
THERMAL DATA
Note: 1. When mounted on a standard single-sided FR4 board with 200 mm² of Cu (at least 35
µm thick) connected to all DRAIN pins.
ELECTRICAL CHARACTERISTICS (Tj=25°C, VDD=18V, unless otherwise specified)
POWER SECTION
Note: 1. On clamped inductive load
Symbol
Parameter
Value
Unit
VDS(sw)
Switching Drain Source Voltage (Tj=25 ... 125°C)
(See note 1)
-0.3 ... 730
V
VDS(st)
Start Up Drain Source Voltage (Tj=25 ... 125°C)
(See note 2)
-0.3 ... 400
V
ID
Continuous Drain Current
Internally limited
A
VDD
Supply Voltage
0 ... 50
V
IFB
Feedback Current
3
mA
VESD
Electrostatic Discharge:
Machine Model (R=0
Ω; C=200pF)
Charged Device Model
200
1.5
V
kV
Tj
Junction Operating Temperature
Internally limited
°C
Tc
Case Operating Temperature
-40 to 150
°C
Tstg
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Max Value
Unit
Rthj-case
Thermal Resistance Junction-Pins for:
SO-8
DIP8
25
15
°C/W
Rthj-amb
Thermal Resistance Junction-Ambient for:
SO-8
(See note 1)
DIP8
(See note 1)
55
45
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Voltage
ID=1mA; VFB=2V
730
V
IDSS
Off State Drain Current
VDS=500V; VFB=2V; Tj=125°C
0.1
mA
RDSon
Static Drain-Source
On State Resistance
ID=0.2A
ID=0.2A; Tj=100°C
27
30
54
Ω
tf
Fall Time
ID=0.1A; VIN=300V
(See fig.1)
(See note 1)
100
ns
tr
Rise Time
ID=0.2A; VIN=300V
(See fig.1)
(See note 1)
50
ns
Coss
Drain Capacitance
VDS=25V
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com