Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS463B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 9Page - ATMEL Corporation TSS463B Datasheet HTML 10Page - ATMEL Corporation TSS463B Datasheet HTML 11Page - ATMEL Corporation TSS463B Datasheet HTML 12Page - ATMEL Corporation TSS463B Datasheet HTML 13Page - ATMEL Corporation TSS463B Datasheet HTML 14Page - ATMEL Corporation TSS463B Datasheet HTML 15Page - ATMEL Corporation TSS463B Datasheet HTML 16Page - ATMEL Corporation TSS463B Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13
TSS463B
4102E–AUTO–12/04
Table 2. Clock Divider
Clock
Divider
Divide by
8 MHz
6 MHz
4 MHz
2 MHz
KTS/s
Kbits/s
KTS/s
Kbits/s
KTS/s
Kbits/s
KTS/s
Kbits/s
0000
1
500
400
375
300
250
200
125
100
0001
2
250
200
187.50
150
125
100
62.50
50
0010
4
125
100
93.75
75
62.50
50
31.25
25
0011
8
62.5
50
46.875+
37.5
31.25
25
15.625
12.5
0100
16
31.25
25
23.438
18.75
15.625
12.5
7.813
6.25
0101
32
15.625
12.5
11.718
9.375
7.813
6.25
3.906
3.125
0110
64
7.813
6.25
5.859
4.688
3.906
3.125
1.953
1.562
0111
128
3.906
3.125
500
400
1.953
1.562
166.666
133.333
1000
1.5
333.333
266.666
250
200
166.666
133.333
83.333
66.666
1001
3
166.666
133.333
125
100
83.333
66.666
41.666
33.333
1010
6
83.333
66.666
62.50
50
41.666
33.333
20.833
16.666
1011
12
41.666
33.333
31.25
25
20.833
16.666
10.416
8.333
1100
24
20.833
16.666
15.625
12.50
10.416
8.333
5.208
4.166
1101
48
10.416
8.333
7.813
6.25
5.208
4.166
2.604
2.083
1110
96
5.208
4.166
3.906
3.125
2.604
2.083
1.302
1.042
1111
192
2.604
2.083
1.953
1.5625
1.302
1.042
0.651
0.521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com